Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9414 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG9414
Description  Single 4 x 1 and Dual 2 x 1 Multiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9414 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG9414_08 Datasheet HTML 2Page - Vishay Siliconix DG9414_08 Datasheet HTML 3Page - Vishay Siliconix DG9414_08 Datasheet HTML 4Page - Vishay Siliconix DG9414_08 Datasheet HTML 5Page - Vishay Siliconix DG9414_08 Datasheet HTML 6Page - Vishay Siliconix DG9414_08 Datasheet HTML 7Page - Vishay Siliconix DG9414_08 Datasheet HTML 8Page - Vishay Siliconix DG9414_08 Datasheet HTML 9Page - Vishay Siliconix DG9414_08 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 71766
S-71009-Rev. G, 14-May-07
www.vishay.com
7
Vishay Siliconix
DG9414/9415
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
TEST CIRCUITS
Charge Injection vs. Analog Voltage (DG9414)
- 50
- 30
- 10
10
30
50
02468
10
12
VCOM - Analog Voltage (V)
V+ = 3 V
V+ = 5 V
V+ = 12 V
Charge Injection vs. Analog Voltage (DG9415)
- 50
- 30
- 10
10
30
50
02468
10
12
VCOM - Analog Voltage (V)
V+ = 3 V
V+ = 5 V
V+ = 12 V
Figure 1.
Level
Shift/
Drive
VIN
S
V+
GND
D
V-
V+
Figure 2. Switching Time
Logic
Input
Switch
Output
50 %
0 V
tr < 5 ns
tf < 5 ns
90 %
tOFF
tON
VOUT
Note:
Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rON
VOUT = VIN
NO or NC
COM
VOUT
GND
CL
35 pF
RL
300
Ω
V+
VIN
Switch
Input
Switch
Output
VINH
VINL
0.9 x VOUT


Similar Part No. - DG9414_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414DQ VISHAY-DG9414DQ Datasheet
77Kb / 9P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. F, 17-Feb-03
DG9414DQ-T1-E3 VISHAY-DG9414DQ-T1-E3 Datasheet
162Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 23-May-11
DG9414DQ-T1-E3 VISHAY-DG9414DQ-T1-E3 Datasheet
165Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
01-Jan-2022
DG9414 VISHAY-DG9414_11 Datasheet
162Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 23-May-11
More results

Similar Description - DG9414_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9414 VISHAY-DG9414_11 Datasheet
162Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 23-May-11
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. F, 17-Feb-03
DG9415 VISHAY-DG9415_V01 Datasheet
165Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
01-Jan-2022
logo
Recom International Pow...
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
   30 Watt 4:1 Input 2 x 1 Single and Dual Output
logo
AAEON Technology
PFM-540I-A AAEON-PFM-540I-A Datasheet
246Kb / 2P
   USB2.0 x 4, COM x 2, and Parallel x 1
logo
Recom International Pow...
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
   40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
   12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
   8 Watt 1??x 1??Single and Dual Output
REM15-W RECOM-REM15-W Datasheet
1Mb / 8P
   15 Watt 4:1 Input 1.6 x 1 Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com