Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10WQ045FN045TRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 10WQ045FN045TRLPBF
Description  Schottky Rectifier, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10WQ045FN045TRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  10WQ045FN045TRLPBF Datasheet HTML 1Page - Vishay Siliconix 10WQ045FN045TRLPBF Datasheet HTML 2Page - Vishay Siliconix 10WQ045FN045TRLPBF Datasheet HTML 3Page - Vishay Siliconix 10WQ045FN045TRLPBF Datasheet HTML 4Page - Vishay Siliconix 10WQ045FN045TRLPBF Datasheet HTML 5Page - Vishay Siliconix 10WQ045FN045TRLPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94122
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 16-Apr-08
1
Schottky Rectifier, 10 A
10WQ045FNPbF
Vishay High Power Products
FEATURES
• Popular D-PAK outline
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for AEC Q101 level
DESCRIPTION
The 10WQ045FN surface mount Schottky rectifier has been
designed for applications requiring low forward drop and
small foot prints on PC board. Typical applications are in
disk
drives,
switching
power
supplies,
converters,
freewheeling diodes, battery charging, and reverse battery
protection.
PRODUCT SUMMARY
IF(AV)
10 A
VR
45 V
D-PAK (TO-252AA)
Anode
1
3
Base
cathode
Anode
4, 2
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
10
A
VRRM
45
V
IFSM
tp = 5 µs sine
400
A
VF
10 Apk, TJ = 125 °C
0.53
V
TJ
Range
- 40 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
10WQ045FNPbF
UNITS
Maximum DC reverse voltage
VR
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 157 °C, rectangular waveform
10
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
400
A
10 ms sine or 6 ms rect. pulse
75
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 3 A, L = 4.4 mH
20
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3.0
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 10WQ045FN045TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10WQ045FN IRF-10WQ045FN Datasheet
77Kb / 6P
   SCHOTTKY RECTIFIER
10WQ045FN IRF-10WQ045FN Datasheet
185Kb / 7P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
10WQ045FN ISC-10WQ045FN Datasheet
278Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
10WQ045FN-M3 VISHAY-10WQ045FN-M3 Datasheet
132Kb / 7P
   Schottky Rectifier, 10 A
Revision: 03-Nov-10
logo
Inchange Semiconductor ...
10WQ045FNH ISC-10WQ045FNH Datasheet
278Kb / 2P
   Schottky Rectifier
More results

Similar Description - 10WQ045FN045TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 10 A
Revision: 11-Oct-11
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
   Schottky Rectifier, 10 A
Revision: 14-Aug-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
   Schottky Rectifier, 10 A
Revision: 14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
   Schottky Rectifier, 10 A
Revision: 23-Apr-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
   Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-STPS1045B-M3 VISHAY-VS-STPS1045B-M3 Datasheet
135Kb / 7P
   Schottky Rectifier, 10 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com