Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4157DL-T1-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG4157DL-T1-E3
Description  Low Voltage, 1-Ω Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4157DL-T1-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG4157DL-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG4157DL-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG4157DL-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG4157DL-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG4157DL-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG4157DL-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG4157DL-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG4157DL-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - DG4157DL-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4157DL-T1-E3 VISHAY-DG4157DL-T1-E3 Datasheet
190Kb / 10P
   Low Voltage, 1-ohm Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
Rev. E, 07-Sep-09
More results

Similar Description - DG4157DL-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4157 VISHAY-DG4157_09 Datasheet
190Kb / 10P
   Low Voltage, 1-ohm Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
Rev. E, 07-Sep-09
DG4157 VISHAY-DG4157_V01 Datasheet
197Kb / 11P
   Low Voltage, 1 廓 Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
08-Feb-17
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158_05 Datasheet
113Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
August, 2005 ??Rev. 1
NLAS3158 ONSEMI-NLAS3158_15 Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
logo
Vishay Siliconix
DG3157A VISHAY-DG3157A Datasheet
122Kb / 7P
   Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 25-Aug-08
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com