Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6CWQ06FNTRR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6CWQ06FNTRR
Description  Schottky Rectifier, 2 x 3.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWQ06FNTRR Datasheet(HTML) 1 Page - Vishay Siliconix

  6CWQ06FNTRR Datasheet HTML 1Page - Vishay Siliconix 6CWQ06FNTRR Datasheet HTML 2Page - Vishay Siliconix 6CWQ06FNTRR Datasheet HTML 3Page - Vishay Siliconix 6CWQ06FNTRR Datasheet HTML 4Page - Vishay Siliconix 6CWQ06FNTRR Datasheet HTML 5Page - Vishay Siliconix 6CWQ06FNTRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94249
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
1
Schottky Rectifier, 2 x 3.5 A
6CWQ06FNPbF
Vishay High Power Products
FEATURES
• Popular D-PAK outline
• Center tap configuration
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for AEC Q101 level
DESCRIPTION
The 6CWQ06FNPbF surface mount, center tap, Schottky
rectifier series has been designed for applications requiring
low forward drop and small foot prints on PC board. Typical
applications are in disk drives, switching power supplies,
converters, freewheeling diodes, battery charging, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 3.5 A
VR
60 V
D-PAK
Anode
1
3
4
Anode
2
Base
common
cathode
Common
cathode
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
7
A
VRRM
60
V
IFSM
tp = 5 µs sine
490
A
VF
3 Apk, TJ = 25 °C (per leg)
0.61
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
6CWQ06FNPbF
UNITS
Maximum DC reverse voltage
VR
60
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 133 °C, rectangular waveform
3.5
A
per device
7
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
490
10 ms sine or 6 ms rect. pulse
70
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 1 A, L = 12 mH
6
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 6CWQ06FNTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6CWQ06FNTRR IRF-6CWQ06FNTRR Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
logo
Vishay Siliconix
6CWQ06FNTRR-M3 VISHAY-6CWQ06FNTRR-M3 Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 03-Nov-10
logo
International Rectifier
6CWQ06FNTRRPBF IRF-6CWQ06FNTRRPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
More results

Similar Description - 6CWQ06FNTRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ03FNPBF VISHAY-6CWQ03FNPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ10FNPBF VISHAY-6CWQ10FNPBF_12 Datasheet
148Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ03FNPBF VISHAY-6CWQ03FNPBF_12 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 28-Jan-11
6CWQ04FNPBF VISHAY-6CWQ04FNPBF_12 Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ04FNPBF VISHAY-6CWQ04FNPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
VS-6CWQ04FNTRPBF VISHAY-VS-6CWQ04FNTRPBF Datasheet
155Kb / 8P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ10FNPBF VISHAY-6CWQ10FNPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
VS-6CWQ04FNHM3 VISHAY-VS-6CWQ04FNHM3_V01 Datasheet
144Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
01-Jan-2022
6CWQ06FN VISHAY-6CWQ06FN_12 Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 03-Nov-10
6CWQ06FNPBF VISHAY-6CWQ06FNPBF_11 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com