Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10CTQ150PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 10CTQ150PBF
Description  Schottky Rectifier, 2 x 5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10CTQ150PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  10CTQ150PBF Datasheet HTML 1Page - Vishay Siliconix 10CTQ150PBF Datasheet HTML 2Page - Vishay Siliconix 10CTQ150PBF Datasheet HTML 3Page - Vishay Siliconix 10CTQ150PBF Datasheet HTML 4Page - Vishay Siliconix 10CTQ150PBF Datasheet HTML 5Page - Vishay Siliconix 10CTQ150PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93194
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
5
10CTQ150
Schottky Rectifier, 2 x 5 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (10 = 10 A)
2
-
Circuit configuration
C = Common cathode
3
-
Package
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage rating (150 = 150 V)
6
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
Device code
5
13
24
6
10
C
T
Q
150
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95222
Part marking information
http://www.vishay.com/doc?95225


Similar Part No. - 10CTQ150PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10CTQ150PBF IRF-10CTQ150PBF Datasheet
176Kb / 6P
   SCHOTTKY RECTIFIER 10 Amp
More results

Similar Description - 10CTQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10CTQ150PBF VISHAY-VS-10CTQ150PBF_V01 Datasheet
147Kb / 7P
   Schottky Rectifier, 2 x 5 A
08-Feb-17
10CTQ150SPBF VISHAY-10CTQ150SPBF_10 Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 5 A
Revision: 23-Mar-10
VS-10CTQ150P VISHAY-VS-10CTQ150P Datasheet
172Kb / 7P
   Schottky Rectifier, 2 x 5 A
Revision: 22-Aug-11
10CTQ150S VISHAY-10CTQ150S Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 5 A
Revision: 06-Oct-08
10CTQ150SPBF VISHAY-10CTQ150SPBF Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 5 A
Revision: 06-Oct-08
VS-10CTQ150S-M3 VISHAY-VS-10CTQ150S-M3 Datasheet
204Kb / 8P
   High Performance Schottky Rectifier, 2 x 5 A
Revision: 28-Jul-14
VS-10CTQ150-M3 VISHAY-VS-10CTQ150-M3 Datasheet
157Kb / 7P
   High Performance Schottky Rectifier, 2 x 5 A
Revision: 20-Sep-17
VS-10CTQ150-M3 VISHAY-VS-10CTQ150-M3_V01 Datasheet
167Kb / 7P
   High Performance Schottky Rectifier, 2 x 5 A
01-Jan-2022
VS-10CTQ150S-M3 VISHAY-VS-10CTQ150S-M3_V01 Datasheet
224Kb / 8P
   High Performance Schottky Rectifier, 2 x 5 A
01-Jan-2022
VS-10CTQ150SPBF VISHAY-VS-10CTQ150SPBF_V01 Datasheet
141Kb / 8P
   High Performance Schottky Rectifier, 2 x 5 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com