Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T820-600W Datasheet(PDF) 5 Page - STMicroelectronics

Part # T820-600W
Description  SNUBBERLESS TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T820-600W Datasheet(HTML) 5 Page - STMicroelectronics

  T820-600W Datasheet HTML 1Page - STMicroelectronics T820-600W Datasheet HTML 2Page - STMicroelectronics T820-600W Datasheet HTML 3Page - STMicroelectronics T820-600W Datasheet HTML 4Page - STMicroelectronics T820-600W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T820-xxxW / T830-xxxW
5/5
PACKAGE MECHANICAL DATA
ISOWATT220AB
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.394
0.409
L2
16.00 typ.
0.630 typ.
L3
28.60
30.60
1.125
1.205
L4
9.80
10.60
0.386
0.417
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126
s
Cooling method : C
s
Marking : Type number
s
Weight : 2.1g
s
Recommended torque value : 0.55 m.N.
s
Maximum torque value : 0.70 m.N.


Similar Part No. - T820-600W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T820-600W STMICROELECTRONICS-T820-600W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T820-600W STMICROELECTRONICS-T820-600W Datasheet
63Kb / 5P
   8A SNUBBERLESSTM TRIAC
logo
Kersemi Electronic Co.,...
T820-600W KERSEMI-T820-600W Datasheet
418Kb / 5P
   TRIAC
More results

Similar Description - T820-600W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T620-600W STMICROELECTRONICS-T620-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
T1620W STMICROELECTRONICS-T1620W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1020-600W STMICROELECTRONICS-T1020-600W Datasheet
119Kb / 5P
   SNUBBERLESS TRIAC
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1220W STMICROELECTRONICS-T1220W Datasheet
316Kb / 5P
   SNUBBERLESS TRIAC
T1020W STMICROELECTRONICS-T1020W Datasheet
64Kb / 5P
   SNUBBERLESS TRIAC
November 1996
T820W STMICROELECTRONICS-T820W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
   16A SNUBBERLESS TRIAC
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
   8 A Snubberless Triac
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
   6 A Snubberless??Triac
June 2010 Rev 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com