Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4052AEN-T1-E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG4052AEN-T1-E4
Description  8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4052AEN-T1-E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG4052AEN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG4052AEN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 69828
S-80839-Rev. B, 21-Apr-08
www.vishay.com
3
Vishay Siliconix
DG4051A/DG4052A/DG4053A
New Product
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 5.6 mW/°C above 70 °C.
d. Derate 6.6 mW/°C above 70 °C.
e. Manual soldering with iron is not recommended for leadless components. The miniQFN-16 is a leadless package. The end of the lead terminal
is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip cannot be
guaranteed and is not required to ensure adequate bottom side solder interconnection.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
V+ to V-
14
V
GND to V-
7
Digital Inputsa, VS, VD
(V-) - 0.3 to (V+) + 0.3
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Peak Current, S or D (Pulsed 1 ms, 10 % Duty Cycle)
100
Storage Temperature
- 65 to 150
°C
Power Dissipationb
16-Pin TSSOPc
450
mW
16-Pin miniQFNd, e
525
Thermal Resistanceb
16-Pin TSSOP
178
C/W
16-Pin miniQFNe
152
SPECIFICATIONS FOR DUAL SUPPLIES
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VCC = + 5 V, VEE = - 5 V
VIN(A, B, C and ENABLE) = 2.0 V, 0.8 V
a
Temp.b
Typ.c
- 40 to 125 °C
- 40 to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 55- 55
V
On-Resistance
RON
IS = 1 mA, VD = - 3 V, 0 V, + 3 V
Room
Full
66
100
125
100
118
Ω
On-Resistance Match
ΔR
ON
IS = 1 mA, VD = ± 3 V
Room
Full
36
10
6
8
On-Resistance
Flatness
RFLATNESS
IS = 1 mA, VD = - 3 V, 0 V, + 3 V
Room
Full
7.9
12
16
12
14
Switch Off
Leakage Current
IS(off)
V+ = 5.5 V, V- = - 5.5 V,
VD = ± 4.5 V, VS = 4.5 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
nA
ID(off)
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Channel On
Leakage Current
ID(on)
V+ = 5.5 V, V- = - 5.5 V,
VS = VD = ± 4.5 V
Room
Full
± 0.02
- 1
- 50
1
50
- 1
- 5
1
5
Digital Control
Input Current, VIN Low
IIL
VIN(A, B, C and ENABLE)
Under Test = 0.8 V
Full
0.01
- 11- 11
µA
Input Current, VIN High
IIH
VIN(A, B, C and ENABLE)
Under Test = 2.0 V
Full
0.01
- 11- 11
Input Capacitancee
CIN
f = 1 MHz
Room
3.4
pF
Dynamic Characteristics
Off Isolation
OIRR
RL = 50 Ω, CL = 1 pF
f = 10 MHz
Room
67
dB
f = 100 MHz
Room
46
Channel-to-Channel
Crosstalk
XTALK
f = 10 MHz
Room
67
f = 100 MHz
Room
47
Bandwith, 3dB
BW
RL = 50 Ω
DG4051A
Room
330
MHz
DG4052A
Room
450
DG4053A
Room
730


Similar Part No. - DG4052AEN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4052AEN-T1-E4 VISHAY-DG4052AEN-T1-E4 Datasheet
221Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Rev. E, 21-Jun-10
More results

Similar Description - DG4052AEN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. C, 01-Aug-11
DG9253 VISHAY-DG9253_V01 Datasheet
300Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Jan-2022
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
   8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
Rev. B, 04-Oct-10
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
Rev. E, 21-Jun-10
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
   8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
08-Feb-17
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Rev. A, 11-Apr-16
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
   8-Channel, Triple 2-Channel Multiplexers
09-Jul-2021
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Vishay Siliconix
DG604 VISHAY-DG604_V01 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com