Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3536DB-T5-E1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG3536DB-T5-E1
Description  0.25-Ω Low-Voltage Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3536DB-T5-E1 Datasheet(HTML) 9 Page - Vishay Siliconix

  DG3536DB-T5-E1 Datasheet HTML 1Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 2Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 3Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 4Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 5Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 6Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 7Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 8Page - Vishay Siliconix DG3536DB-T5-E1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - DG3536DB-T5-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3536DB-T5-E1 VISHAY-DG3536DB-T5-E1 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
DG3536DB-T5-E1 VISHAY-DG3536DB-T5-E1 Datasheet
103Kb / 9P
   0.25ohm Low-Voltage Dual SPDT Analog Switch
Rev. G, 28-Feb-11
More results

Similar Description - DG3536DB-T5-E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
DG3535 VISHAY-DG3535_V01 Datasheet
186Kb / 10P
   0.25 廓 Low-Voltage Dual SPDT Analog Switch
01-Jan-2022
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
   Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
Rev. B, 01-Jan-07
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com