Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45196L0687+50 Datasheet(PDF) 5 Page - EPCOS

Part # B45196L0687+50
Description  Tantalum Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196L0687+50 Datasheet(HTML) 5 Page - EPCOS

  B45196L0687+50 Datasheet HTML 1Page - EPCOS B45196L0687+50 Datasheet HTML 2Page - EPCOS B45196L0687+50 Datasheet HTML 3Page - EPCOS B45196L0687+50 Datasheet HTML 4Page - EPCOS B45196L0687+50 Datasheet HTML 5Page - EPCOS B45196L0687+50 Datasheet HTML 6Page - EPCOS B45196L0687+50 Datasheet HTML 7Page - EPCOS B45196L0687+50 Datasheet HTML 8Page - EPCOS B45196L0687+50 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Specifications and characteristics in brief
Series
Automotive
Ordering code
B45196L
B45198L
Technology
Ta-MnO2
Ta-MnO2
Terminals
Tinned
Gold-plated
Rated voltage
(up to 85
°C)
VR
4 ... 50
VDC
Rated capacitance
(20
°C, 120 Hz)
CR
0.10 ... 1000
µF
Capacitance tolerance
±20%, ±10%
Maximum impedance
(20
°C, 100 kHz)
Zmax
0.6 ... 27
Operating temperature range
Top
55 ... +125
°C
Failure rate
(1 fit = 1 10-9 failures/h)
CR VR
≤ 330 µF V
CR VR > 330
µF V
(at 40
°C; ≤ V
R,
RS
≥ 3 Ω/V)
≤3 or 8
≤10 or 24
(dependent on type)
fit
Service life
>500000
h
Leakage current
(VR, 5 min, 20
°C)
Ileak
10
nA/
µC
Detail specification
CECC 30801-801
Climatic category
(to IEC 60068-1)
( 55
°C/+125 °C/56
days damp heat test)
55/125/56
Tantalum chip capacitors
B45196L, B45198L
Automotive
Page 5 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45196L0687+50

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196L0686+20 KEMET-B45196L0686+20 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
B45196L0686+30 KEMET-B45196L0686+30 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
B45196L0686+40 KEMET-B45196L0686+40 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
More results

Similar Description - B45196L0687+50

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com