Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T835-XXXB Datasheet(PDF) 5 Page - STMicroelectronics

Part # T835-XXXB
Description  HIGH PERFORMANCE TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-XXXB Datasheet(HTML) 5 Page - STMicroelectronics

  T835-XXXB Datasheet HTML 1Page - STMicroelectronics T835-XXXB Datasheet HTML 2Page - STMicroelectronics T835-XXXB Datasheet HTML 3Page - STMicroelectronics T835-XXXB Datasheet HTML 4Page - STMicroelectronics T835-XXXB Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The
Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
PACKAGE MECHANICAL DATA
DPAK Plastic
H
L4
G
B
L2
E
B2
D
A1
C
A
C2
0.60 MIN.
V2
A2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max
Min.
Typ. Max.
A
2.20
2.40 0.086
0.094
A1
0.90
1.10 0.035
0.043
A2
0.03
0.23 0.001
0.009
B
0.64
0.90 0.025
0.035
B2
5.20
5.40 0.204
0.212
C
0.45
0.60 0.017
0.023
C2
0.48
0.60 0.018
0.023
D
6.00
6.20 0.236
0.244
E
6.40
6.60 0.251
0.259
G
4.40
4.60 0.173
0.181
H
9.35
10.10 0.368
0.397
L2
0.80
0.031
L4
0.60
1.00 0.023
0.039
V2
WEIGHT : 0.30g
TYPE
MARKING
T810-400B
T8
1040
T810-600B
T8
1060
T835-400B
T8
3540
T835-600B
T8
3560
MARKING
FOOT PRINT (millimeters)
6.7
6.7
6.7
3
1.6
1.6
2.3
2.3
T810-xxxB / T835-xxxB
5/5


Similar Part No. - T835-XXXB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835-XXXB STMICROELECTRONICS-T835-XXXB Datasheet
129Kb / 11P
   8A TRIACS
More results

Similar Description - T835-XXXB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T435-400T STMICROELECTRONICS-T435-400T Datasheet
100Kb / 7P
   HIGH PERFORMANCE TRIACS
logo
WeEn Semiconductors
BTA216B-600B WEEN-BTA216B-600B Datasheet
435Kb / 8P
   Triacs high commutation
logo
NXP Semiconductors
BTA216-600BT NXP-BTA216-600BT Datasheet
75Kb / 12P
   Triacs high commutation
Rev. 01-25 August 2005
BTA216B_B PHILIPS-BTA216B_B Datasheet
109Kb / 8P
   Triacs high commutation
October 1997
logo
WeEn Semiconductors
BTA216B WEEN-BTA216B Datasheet
913Kb / 8P
   Triacs high commutation
logo
NXP Semiconductors
BTA216BB PHILIPS-BTA216BB Datasheet
52Kb / 6P
   Triacs high commutation
October 1997 Rev 1.100
logo
WeEn Semiconductors
BTA216-600BT WEEN-BTA216-600BT Datasheet
833Kb / 11P
   Triacs high commutation
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com