Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL158125KAC-TRG Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL158125KAC-TRG
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL158125KAC-TRG Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL158125KAC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 14Page - Anpec Electronics Coropration APL158125KAC-TRG Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.5 - Mar., 2008
APL1581
www.anpec.com.tw
11
Package Information
Q
D
E
e
b
e1
F
A
c
H1
J1
L
TO-220-5
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
3.55
4.83
0.140
0.190
b
0.63
1.02
0.025
0.040
c
0.35
0.56
0.014
0.022
D
14.22
16.51
0.560
0.650
e
1.57
1.83
0.062
0.072
e1
6.68
6.94
0.263
0.273
E
9.65
10.67
0.380
0.420
F
1.14
1.40
0.045
0.055
H1
5.84
6.60
0.230
0.260
J1
2.03
3.05
0.080
0.120
L
13.72
14.22
0.540
0.560
R
3.53
4.09
0.139
0.161
Q
2.54
3.43
0.100
0.135


Similar Part No. - APL158125KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL158125KAC-TRG ANPEC-APL158125KAC-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
More results

Similar Description - APL158125KAC-TRG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com