Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6384 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2N6384
Description  POWER TRANSISTORS(10A,100W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6384 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2N6384 Datasheet HTML 1Page - Mospec Semiconductor 2N6384 Datasheet HTML 2Page - Mospec Semiconductor 2N6384 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - 2N6384

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6384 MICROSEMI-2N6384 Datasheet
55Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6384 CENTRAL-2N6384 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6384 ETC-2N6384 Datasheet
347Kb / 8P
   Power Transistors
logo
Savantic, Inc.
2N6384 SAVANTIC-2N6384 Datasheet
114Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6384 JMNIC-2N6384 Datasheet
159Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6384

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
2SC3306 MOSPEC-2SC3306 Datasheet
162Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
2SA1186 MOSPEC-2SA1186 Datasheet
117Kb / 3P
   POWER TRANSISTORS(10A,150V,100W)
2SC2837 MOSPEC-2SC2837 Datasheet
115Kb / 3P
   POWER TRANSISTORS(10A,150V,100W)
BUX80 MOSPEC-BUX80 Datasheet
128Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
BUY69A MOSPEC-BUY69A Datasheet
74Kb / 2P
   POWER TRANSISTORS(10A,200-400V,100W)
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
   POWER TRANSISTORS(5A,100W)
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
   POWER TRANSISTORS(8A,100W)
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
   POWER TRANSISTORS(8.0A,100W)
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
   POWER TRANSISTORS(12A,140V,100W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com