Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1581UC-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL1581UC-TRL
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1581UC-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL1581UC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL1581UC-TRL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.5 - Mar., 2008
APL1581
www.anpec.com.tw
9
Grounding and Output Sensing
The APL1581 allows true Kelvin sensing for both the
high and low side of the load. Figure 2 shows the de-
vice connected to take advantage of the remote sense
feature. The SENSE pin and the top of the resistor
divider are connected to the top of the load; the bot-
tom of the resistor divider is connected to the bottom
of the load. Typically the load is a microprocessor
and parasitic resistance RP is made up of the PC traces
and /or connector resistance between the regulator
and the processor. RP is now connectedinside the
regulation loop of the APL1581 and for reasonable val-
ues of RP the load regulation at the load will be
negligible. Voltage drops due to RP are not eliminated;
they will add to the dropout voltage of the regulator
VIN
VCNTL
VOUT
VSENSE
VOUT
VIN
VCNTL
ADJ
IADJ=50uA
APL1581
R1
R2
VREF
Figure 1 Setting Output Voltage
VIN
VCNTL
VOUT
VSENSE
VOUT
VIN
VCNTL
ADJ
IADJ=50uA
APL1581
R1
R2
VREF
Figure 1 Setting Output Voltage
grammable to any voltages in the range of 1.25V to 5.5V
according to the following formula:
VOUT = VREF x (1+
R1
R2
) + IADJ x R2
where VREF = 1.25V (typical)
IADJ = 50
µA (typical)
The recommended R1 is in range of 100
Ω to125Ω to
satisfy the minimum load current requirement. Proper
sizes of R2 and R1 are also concerned for power
dissipation.
Application Information (Cont.)
Output Voltage Setting (Cont.)
regardless of whether they are inside or outside the
regulation loop.
VIN
VCN TL
VOUT
VSENSE
VOUT
VIN
VCNTL
ADJ
APL1581
R1
R2
Load
RP
Adjustable
Device
Figure 2 Remote Voltage Sensing
VIN
VCN TL
VOUT
VSENSE
VOUT
VIN
VCNTL
GND
APL1581
Load
RP
Fixed Voltage
Device
VIN
VCN TL
VOUT
VSENSE
VOUT
VIN
VCNTL
ADJ
APL1581
R1
R2
Load
RP
Adjustable
Device
Figure 2 Remote Voltage Sensing
VIN
VCN TL
VOUT
VSENSE
VOUT
VIN
VCNTL
GND
APL1581
Load
RP
Fixed Voltage
Device
Stability and Output Capacitors
The circuit design of using the APL1581 series re-
quires an output capacitor as part of the device fre-
quency compensation. The following chart shows a
stable region to select output capacitor for APL1581.
This region above the curve indicates minimum re-
quired ESR and capacitance to maintain stability.
However, the output capacitor should have an ESR
less than1
Ω.
0
20
40
60
80
100
1
10
100
1000
Capacitance(
µF)
Stable Region
0
20
40
60
80
100
1
10
100
1000
Capacitance(
µF)
Stable Region


Similar Part No. - APL1581UC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115G5C-TRG ANPEC-APL158115G5C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115KAC-TRG ANPEC-APL158115KAC-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115U4C-TRG ANPEC-APL158115U4C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115U5C-TRG ANPEC-APL158115U5C-TRG Datasheet
283Kb / 20P
   DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
More results

Similar Description - APL1581UC-TRL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com