Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5336KI-TRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5336KI-TRG
Description  Source and Sink, 1.5A, Fast Transient Response Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5336KI-TRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5336KI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2008
APL5336
www.anpec.com.tw
6
Operating Waveforms
V
CNTL = 5V, VIN = 1.8V or 1.5V, VREF=0.5xVIN, CIN=COUT=10µF(MLCC)
CH1: V
OUT, 20mV/Div, AC
CH2: I
OUT, 0.5A/Div, DC
TIME: 200
µs/Div
Load Transient Response (V
IN=1.8V)
2
I
OUT
V
OUT
I
OUT=10mA to 1.5A to 10mA
1
1
2
CH1: V
OUT, 20mV/Div, AC
CH2: I
OUT, 0.5A/Div, DC
TIME: 1
µs/Div
V
OUT
I
OUT
I
OUT=10mA to 1.5A
Load Transient Response (V
IN=1.8V)
1
2
CH1: V
OUT, 20mV/Div, AC
CH2: I
OUT, 0.5A/Div, DC
I
OUT
V
OUT
I
OUT=1.5A to 10mA
Load Transient Response (V
IN=1.8V)
1
V
OUT
I
OUT
2
CH1: V
OUT, 20mV/Div, AC
CH2: I
OUT, 0.5A/Div, DC
TIME: 200
µs/Div
Load Transient Response (V
IN=1.8V)
I
OUT=-10mA to -1.5A to -10mA


Similar Part No. - APL5336KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
More results

Similar Description - APL5336KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD5860 TECHCODE-TD5860 Datasheet
646Kb / 14P
   Source and Sink 1.5A/2A Fast Transient Response Line Regulator
logo
E-CMOS Corporation
EC2960 E-CMOS-EC2960 Datasheet
1Mb / 13P
   Source and Shink 1.5A/2A Fast Transient Response Line Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Richtek Technology Corp...
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
Texas Instruments
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com