Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5336KI-TRG Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5336KI-TRG
Description  Source and Sink, 1.5A, Fast Transient Response Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5336KI-TRG Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5336KI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL5336KI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2008
APL5336
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Source and Sink, 1.5A, Fast Transient Response Linear Regulator
Provide Bi-direction Output Currents
-Sourcing and Sinking Current up to 1.5A
Built-in Soft-Start
Power-On-Reset Monitoring on VCNTL and VIN
pins
Fast Transient Response
Stable with Ceramic Output Capacitors
±20mV High System Output Accuracy over Load
and Temperature Ranges
Adjustable Output Voltage by External Resistors
Current-Limit Protection
On-Chip Thermal Shutdown
Shutdown for Standby or Suspend Mode
Simple SOP-8 and SOP-8 with Exposed Pad
(SOP-8P) Packages
Lead Free and Green Devices Available
(RoHS Compliant)
The APL5336 linear regulator is designed to provide a
regulated voltage with bi-direction output current for DDR-
SDRAM termination voltage. The APL5336 integrates two
power transistors to source or sink load current up to
1.5A. It also features internal soft-start, current-limit, ther-
mal shutdown and enable control functions into a single
chip.
The internal soft-start controls the rising rate of the output
voltage to prevent inrush current during start-up. The
current-limit circuit detects the output current and limits
the current during short-circuit or current overload
conditions. The on-chip thermal shutdown provides ther-
mal protection against any combination of overload that
would create excessive junction temperatures.
The output voltage of APL5336 is regulated to track the
voltage on VREF pin. An proper resistor divider connected
to VIN, GND, and VREF pins is used to provide a half
voltage of VIN to VREF pin. In addition, connect an exter-
nal ceramic capacitor and a open-drain transistor to VREF
pin for external soft-start and shutdown control.
Pulling and holding the voltage on VREF below the en-
able voltage threshold shuts down the output. The output
of APL5336 will be high impedance after being shut down
by VREF or the thermal shutdown function.
Features
General Description
Applications
DDRII/III SDRAM Termination Voltage
Motherboard and VGA Card Power Supplies
Setop Box
SSTL-2/3 Termination Voltage
Pin Configuration
Simplified Application Circuit
V
CNTL
+5V
V
OUT
0.9V / 0.75V
V
IN
+1.8V/+1.5V
Shutdown
GND
VREF
VIN
VOUT
VCNTL
1
2
3
4
6
Enable
APL5336
GND 2
7 VCNTL
VREF 3
VOUT 4
6 VCNTL
5 VCNTL
8 VCNTL
VIN 1
Top View of SOP-8
GND 2
7 NC
VREF 3
VOUT 4
6 VCNTL
5 NC
8 NC
VIN 1
Exposed Pad (connected to GND plane
for better heat dissipation)
Top View of SOP-8P


Similar Part No. - APL5336KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
More results

Similar Description - APL5336KI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD5860 TECHCODE-TD5860 Datasheet
646Kb / 14P
   Source and Sink 1.5A/2A Fast Transient Response Line Regulator
logo
E-CMOS Corporation
EC2960 E-CMOS-EC2960 Datasheet
1Mb / 13P
   Source and Shink 1.5A/2A Fast Transient Response Line Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LP38512-ADJ NSC-LP38512-ADJ Datasheet
388Kb / 14P
   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Richtek Technology Corp...
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
Texas Instruments
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com