Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65058RGETG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65058RGETG4
Description  2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65058RGETG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65058RGETG4 Datasheet HTML 1Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 2Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 3Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 4Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 5Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 6Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 7Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 8Page - Texas Instruments TPS65058RGETG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
APPLICATIONS
L2
ENABLE
VCC
FB_DCDC2
PGND2
AGND
ENABLE
ENABLE
VLDO2
200 mA LDO
VLDO2
VLDO3
DCDC1(I/O)
VINDCDC1/2
L1
PGND1
DCDC2(core)
VLDO1
400 mA LDO
VLDO3
200 mA LDO
VIN
ENABLE
VIN
10uF
10 W
TPS 65058
ENABLE
MODE
RESET
RESET
R19
I/OVoltage
VLDO1
VIN
VIN
3.3 V
PGOOD1
PGOOD2
Voltage
Switching(1/0)
2.2 F
m
Voltage
Switching(1/0)
2.2 F
m
1 F
m
EN_DCDC1
EN_DCDC2
DEF_DCDC2
VIN_LDO1
EN_LDO1
DEF_LDO
VIN_LDO2/
EN_LDO2
EN_LDO3
STEP-DOWN
CONVERTER
STEP-DOWN
CONVERTER
22 F
m
2.2 H
m
FB_DCDC
2.2 H
m
1.8V/1.2V
10 F
m
3.3V/3.3V
4.7 F
m
1.8V/1.2V
1.8V/1.3V
2.2 F
m
2.2 F
m
DESCRIPTION
TPS65058
www.ti.com................................................................................................................................................... SLVS851A – MAY 2008 – REVISED SEPTEMBER 2008
2.25 MHz Dual STEP DOWN CONVERTER
WITH 3 LOW-INPUT VOLTAGE LDOs
• Satellite Radio Modules
2
• Up To 95% Efficiency
• Output Current for DC/DC Converters:
DCDC1 = 0.6A; DCDC2 = 1A
• V
IN Range for DC/DC Converters From
2.5V to 6V
• Dynamic Voltage Switching for Processor
Core Supply Supported
• 2.25MHz Fixed Frequency Operation
• Power Save Mode at Light Load Current
• 180° Out-of-Phase Operation
• Output Voltage Accuracy in PWM mode ±1%
• Total Typical 32µA Quiescent Current for Both
DC/DC Converters
• 100% Duty Cycle for Lowest Dropout
• One General-Purpose 400mA LDO
• Two General-Purpose 200mA LDOs
• V
IN Range for LDOs from 1.5V to 6.5V
• Reset Generator and Power Monitor
• Available in a 4 mm x 4 mm 24-Pin QFN
Package
NOTE: Other voltage options available upon
request.
Contact
your
Texas
Instruments representative.
The TPS65058 is an integrated Power Management IC for applications powered by one Li-Ion or Li-Polymer cell,
which require multiple power rails. The TPS65058 provides two highly efficient, 2.25MHz step down converters
targeted at providing the core voltage and I/O voltage in a processor based system. Both step-down converters
enter a low power mode at light load for maximum efficiency across the widest possible range of load currents.
For low noise applications, the devices can be forced into fixed frequency PWM mode by pulling the MODE pin
high. Both converters allow the use of small inductors and capacitors to achieve a small solution size. TPS65058
provides an output current of up to 0.6A on the DCDC1 converter, and up to 1A on the DCDC2 converter. The
TPS65058 also integrates one 400mA LDO and two 200mA LDO voltage regulators, which can be turned on/off
using separate enable pins on each LDO. Each LDO operates with an input voltage range between 1.5V and
6.5V allowing them to be supplied from one of the step down converters or directly from the main battery.
The TPS65058 comes in a small 24-pin leadless package (4mm × 4mm QFN) with a 0,5mm pitch.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65058RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058RGET TI-TPS65058RGET Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65058RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com