Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP6015-33M10G-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP6015-33M10G-13
Description  High Efficiency Step-Down Low Power DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015-33M10G-13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP6015-33M10G-13 Datasheet HTML 2Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 3Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 4Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 5Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 6Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 7Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 8Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 9Page - Diodes Incorporated AP6015-33M10G-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev.
2
6 of 18
AUGUST 2008
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
For best transient response we suggest that RCC, CCC and L1 values as below.
RCC
CCC
L1-WURTH
C1, C2 (MLCC)
VIN < 3.0V, VOUT < 2.5V
200K
33PF
1.8µH
10µF
VIN ≥ 3.0V, VOUT < 2.5V
68K
100PF
1.8µH
10µF
VIN ≥ 3.0V, VOUT ≥ 2.5V
82K
100PF
3.3µH
10µF
(1) ADJ Output
9
5
4
8
6
3
10
2
1
Power Good
C2
10µF
C1
10µF
V
I 3.0 V to 5.5 V
V
O 2.5 V/800 mA
L1
LX
FB
PG
PGND
PVCC
EN
VCC
GND
CC
AP6015
R3
680K
R1
C
CC
100pF
R2
1µF
100 Ohm
Rcc
R2: Suggest to be 39K~100K
because of stability reasons.
C3
)
1
(
2
1
R
R
V
V
REF
O
+
×
=
Typical Application Circuit for Adjustable Output Voltage Option
(2) FIXED Output
9
5
4
2
6
3
10
8
1
C2
10uF
Power Good
V
I 5 V
V
O 1.8/ 2.5/ 3.3V/ 800mA
L1
LX
FB
PG
PGND
PVCC
EN
VCC
GND
CC
AP6015
Typical Application
CCC
R3
680K
C1
10uF
1uF
100 Ohm
100pF
Rcc
C3
Standard 5 V to 1.8/ 2.5/ 3.3V/ 800mA Conversion; High Efficiency


Similar Part No. - AP6015-33M10G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6015-XXM10G-13 DIODES-AP6015-XXM10G-13 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
More results

Similar Description - AP6015-33M10G-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62000-Q1 TI1-TPS62000-Q1 Datasheet
375Kb / 23P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
logo
Diodes Incorporated
AP6015 DIODES-AP6015_09 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
logo
Texas Instruments
TPS62000-HT TI-TPS62000-HT Datasheet
535Kb / 22P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62007 TI-TPS62007 Datasheet
471Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000-Q1 TI1-TPS62000-Q1_16 Datasheet
953Kb / 26P
[Old version datasheet]   HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
TPS62000 TI1-TPS62000_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
TPS62000 TI-TPS62000_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com