Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51427 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS51427
Description  DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51427 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51427_1 Datasheet HTML 4Page - Texas Instruments TPS51427_1 Datasheet HTML 5Page - Texas Instruments TPS51427_1 Datasheet HTML 6Page - Texas Instruments TPS51427_1 Datasheet HTML 7Page - Texas Instruments TPS51427_1 Datasheet HTML 8Page - Texas Instruments TPS51427_1 Datasheet HTML 9Page - Texas Instruments TPS51427_1 Datasheet HTML 10Page - Texas Instruments TPS51427_1 Datasheet HTML 11Page - Texas Instruments TPS51427_1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
TPS51427
SLUS819B – APRIL 2008 – REVISED SEPTEMBER 2008................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended free-air temperature range, VV5DRV = 5 V, VVIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUTS AND OUTPUTS
High level
2.9
TONSEL Input Logic Levels
Float level
1.85
2.25
V
Low level
0.45
High threshold (PWM Only)
2.9
SKIPSEL Input Logic Levels
Float level (OOA)
1.85
2.25
V
Low level (Auto Skip)
0.45
SKIPSEL, TONSEL Input Current
SKIPSEL = TONSEL = 0 V
2.5
4.0
5.5
µA
SMPS On level
2.9
EN1, EN2 Input Logic Levels
Delay start level
1.85
2.25
V
SMPS Off level
0.45
EN1, EN2 Leakage Current
EN1 = EN2 = 0 V
–0.1
0.1
µA
Rising edge
1.3
1.65
1.9
EN_LDO Input Logic Levels
V
Hysteresis
0.6
EN_LDO = 0 V
0.7
1.0
1.3
EN_LDO Input Current
µA
EN_LDO = 30 V
–0.1
0
0.1
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51427


Similar Part No. - TPS51427_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Similar Description - TPS51427_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com