Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-54008L-175 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AB-54008L-175
Description  2 stages RF power amp: PD84001-E PD54008L-E LPF N-Channel Enhancement-Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AB-54008L-175 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AB-54008L-175 Datasheet HTML 4Page - STMicroelectronics AB-54008L-175 Datasheet HTML 5Page - STMicroelectronics AB-54008L-175 Datasheet HTML 6Page - STMicroelectronics AB-54008L-175 Datasheet HTML 7Page - STMicroelectronics AB-54008L-175 Datasheet HTML 8Page - STMicroelectronics AB-54008L-175 Datasheet HTML 9Page - STMicroelectronics AB-54008L-175 Datasheet HTML 10Page - STMicroelectronics AB-54008L-175 Datasheet HTML 11Page - STMicroelectronics AB-54008L-175 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Typical performance
AB-54008L-175
8/20
Designator
Manufacturer
Size
Value
Comment
Part Code
RFin, RF OUT
Amplifier, RF
OUT Filter
Johnson
SMA
142-0701-801
Substrate
H = 20mil ;
h = 2oz
Substrate
FR-4
TL1
W = 0.92mm ;
L = 3mm
Z = 50
Ω Transmission Line
TL2
W = 0.92mm ;
L = 7.2mm
Z = 50
Ω Transmission Line
TL3
W = 0.92mm ;
L = 6.23mm
Z = 50
Ω Transmission Line
TL4
W = 0.92mm ;
L = 6.62mm
Z = 50
Ω Transmission Line
TL5
W = 0.92mm ;
L = 5.8mm
Z = 50
Ω Transmission Line
TL6
W = 0.92mm ;
L = 2.2mm
Z = 50
Ω Transmission Line
TL7
W = 0.92mm ;
L = 11mm
Z = 50
Ω Transmission Line
TL8
W = 0.92mm ;
L = 12.4mm
Z = 50
Ω Transmission Line
TL9
W = 0.92mm ;
L = 2mm
Z = 50
Ω Transmission Line
Table 3.
Part list (continued)


Similar Part No. - AB-54008L-175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AB-54008L-175 ETC1-AB-54008L-175 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - AB-54008L-175

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR003V1 STMICROELECTRONICS-STEVAL-TDR003V1 Datasheet
414Kb / 20P
   2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR006V1 STMICROELECTRONICS-STEVAL-TDR006V1 Datasheet
556Kb / 18P
   2 stage RF power amp: PD84001 PD84008L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR001V1 STMICROELECTRONICS-STEVAL-TDR001V1 Datasheet
670Kb / 17P
   2 stage RF power amp: PD84001 PD54003L-E LPF N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
STMicroelectronics
DB-2933-54 STMICROELECTRONICS-DB-2933-54 Datasheet
678Kb / 13P
   RF POWER amplifier using 2 x SD2933 N-Channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com