Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3195 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT3195
Description  4-Channel Charge-Pump LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3195 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT3195 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3195 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AAT3195
4-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
6
3195.2008.09.1.0
www .analogictech.com
AAT3195
4-Channel Charge-Pump LED Driver
ChargePumpTM
PRODUCT DATASHEET
6
3195.2008.09.1.0
www .analogictech.com
Typical Characteristics
Quiescent Current vs. Input Voltage
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
0.26
°
85°C
25°C
-40°C
No Load Operating Current vs. Input Voltage
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
2.0
2.5
3.0
3.5
4.0
4.5
85°C
25°C
-40°C
AAT3195-2 Efficiency vs. Input Voltage
(ILED = 20mA; VF = 3.6V)
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
20%
30%
40%
50%
60%
70%
80%
90%
100%
Current Matching vs. Temperature
Temperature (°C)
-40
-15
10
35
60
85
19.0
19.5
20.0
20.5
21.0
21.5
22.0
D1
D2
D3
D4
Turn On to 1X Mode
(VIN = 4.2V; 20.5mA/ch)
Time (200µs/div)
VOUT
(2V/div)
VSINK
(2V/div)
EN/SET
(2V/div)
IIN
(200mA/div)
Turn On to 2X Mode
(VIN = 3.6V; 20.5mA/ch)
Time (200µs/div)
VOUT
(2V/div)
VSINK
(2V/div)
EN/SET
(2V/div)
IIN
(200mA/div)


Similar Part No. - AAT3195

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
AAT3190IKS-T1 ANALOGICTECH-AAT3190IKS-T1 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analog Technol...
AAT3190IKS-T1 AAT-AAT3190IKS-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results

Similar Description - AAT3195

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
logo
Power Analog Micoelectr...
PAM2701 PAM-PAM2701 Datasheet
387Kb / 14P
   4-Channel Regulated Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com