Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3124D2 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA3124D2
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3124D2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA3124D2_1 Datasheet HTML 1Page - Texas Instruments TPA3124D2_1 Datasheet HTML 2Page - Texas Instruments TPA3124D2_1 Datasheet HTML 3Page - Texas Instruments TPA3124D2_1 Datasheet HTML 4Page - Texas Instruments TPA3124D2_1 Datasheet HTML 5Page - Texas Instruments TPA3124D2_1 Datasheet HTML 6Page - Texas Instruments TPA3124D2_1 Datasheet HTML 7Page - Texas Instruments TPA3124D2_1 Datasheet HTML 8Page - Texas Instruments TPA3124D2_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPA3124D2
www.ti.com........................................................................................................................................................................................................ SLOS578 – MAY 2008
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
Supply voltage
AVCC, PVCC
–0.3 to 30
V
VI
Logic input voltage
SD, MUTE, GAIN0, GAIN1
–0.3 to VCC + 0.3
V
VIN
Analog input voltage
RIN, LIN
–0.3 to 7
V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
SE Output Configuration
3.2
RL
Load resistance (minimum value)
BTL Output Configuration
6.4
Human body model (all pins)
±2
kV
ESD
Electrostatic Discharge
Charged-device model (all
±500
V
pins)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE(1)(2)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
24-pin TSSOP
4.16 W
33.3 mW/
°C
2.67 W
2.16 W
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
This data was taken using 1 oz trace and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad must
be soldered to a thermal land on the printed-circuit board. See the PowerPAD Thermally Enhanced Package application note
(SLMA002).
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
10
26
V
VIH
High-level input voltage
SD, MUTE, GAIN0, GAIN1
2
V
VIL
Low-level input voltage
SD, MUTE, GAIN0, GAIN1
0.8
V
SD, VI = VCC, VCC = 30 V
125
IIH
High-level input current
MUTE, VI = VCC, VCC = 30 V
125
µA
GAIN0, GAIN1, VI = VCC, VCC = 24 V
125
SD, VI = 0, VCC = 30 V
1
IIL
Low-level input current
MUTE, VI = 0 V, VCC = 30 V
1
µA
GAIN0, GAIN1, VI = 0 V, VCC = 24 V
1
TA
Operating free-air temperature
–40
85
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA3124D2


Similar Part No. - TPA3124D2_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3124D2 TI-TPA3124D2_15 Datasheet
766Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3124D2_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com