Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12P10 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 12P10
Description  100V P-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12P10 Datasheet(HTML) 7 Page - Unisonic Technologies

  12P10 Datasheet HTML 1Page - Unisonic Technologies 12P10 Datasheet HTML 2Page - Unisonic Technologies 12P10 Datasheet HTML 3Page - Unisonic Technologies 12P10 Datasheet HTML 4Page - Unisonic Technologies 12P10 Datasheet HTML 5Page - Unisonic Technologies 12P10 Datasheet HTML 6Page - Unisonic Technologies 12P10 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
12P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 6
www.unisonic.com.tw
QW-R502-262.a
TYPICAL CHARACTERISTICS
200
0
0
200
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage,VSD (mV)
800
1000
400
600
400
600
800
1200
VDS
VGS
90%
10%
Switching Time Waveforms
td(on)
tr
tf
td(off)
150
12
0
0
4
8
10
Drain-Source On-State Resistance Characteristics
Drain to Source Voltage, VDS (mV)
2
100
50
6
200
4.5V
10V
VGS=2.5V


Similar Part No. - 12P10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
270Kb / 6P
   9.4A, 100V P-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
12P10 VBSEMI-12P10 Datasheet
1Mb / 9P
   P-Channel 100 V (D-S) MOSFET
12P10-TN3-R VBSEMI-12P10-TN3-R Datasheet
1Mb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Unisonic Technologies
12P10G-AA3-R UTC-12P10G-AA3-R Datasheet
289Kb / 7P
   P-CHANNEL POWER MOSFET
12P10G-S08-R UTC-12P10G-S08-R Datasheet
289Kb / 7P
   P-CHANNEL POWER MOSFET
More results

Similar Description - 12P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com