Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5436IPZR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5436IPZR
Description  MIXED SIGNAL MICROCONTROLLER
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5436IPZR Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5436IPZR Datasheet HTML 1Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 2Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 3Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 4Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 5Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 6Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 7Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 8Page - Texas Instruments MSP430F5436IPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
DESCRIPTION
MSP430F543x, MSP430F541x
MSP430F543xA, MSP430F541xA
SLAS612 – SEPTEMBER 2008.......................................................................................................................................................................................... www.ti.com
MSP430F5419, MSP430F5419A (1)
MSP430F5418, MSP430F5418A (1)
128KB+512B Flash Memory
128KB+512B Flash Memory
16KB RAM
16KB RAM
Four Universal Serial Communication
Two Universal Serial Communication
Interfaces
Interfaces
• For Complete Module Descriptions, See the
MSP430x5xx Family User's Guide (SLAU208)
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 5
µs.
The MSP430F543x(A) and MSP430F541x(A) series are microcontroller configurations with three 16-bit timers, a
high performance 12-bit analog-to-digital (A/D) converter, up to four universal serial communication interfaces
(USCI), hardware multiplier, DMA, real time clock module with alarm capabilities, and up to 87 I/O pins.
Typical applications for this device include analog and digital sensor systems, digital motor control, remote
controls, thermostats, digital timers, hand-held meters, etc.
ORDERING INFORMATION(1)
PACKAGED DEVICES(2)
TA
PLASTIC 100-PIN TQFP
PLASTIC 113-BALL BGA
PLASTIC 80-PIN TQFP (PN)
(PZ)
(ZQW)
MSP430F5438IPZ
MSP430F5437IPN
MSP430F5438IZQW(3)
MSP430F5436IPZ
MSP430F5435IPN
MSP430F5436IZQW(3)
MSP430F5419IPZ
MSP430F5418IPN
MSP430F5419IZQW(3)
–40°C to
85°C
MSP430F5438AIPZ(3)
MSP430F5437AIPN(3)
MSP430F5438AIZQW(3)
MSP430F5436AIPZ(3)
MSP430F5435AIPN(3)
MSP430F5436AIZQW(3)
MSP430F5419AIPZ(3)
MSP430F5418AIPN(3)
MSP430F5419AIZQW(3)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
Product Preview
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - MSP430F5436IPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5436IPZR TI-MSP430F5436IPZR Datasheet
823Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436IPZR TI-MSP430F5436IPZR Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5436IPZR TI1-MSP430F5436IPZR Datasheet
1Mb / 108P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5436IPZR TI1-MSP430F5436IPZR Datasheet
1Mb / 104P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5436IPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com