Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3254 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3254
Description  Ultra Low Power Stereo Audio Codec With Embedded miniDSP
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3254 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC3254 Datasheet HTML 1Page - Texas Instruments TLV320AIC3254 Datasheet HTML 2Page - Texas Instruments TLV320AIC3254 Datasheet HTML 3Page - Texas Instruments TLV320AIC3254 Datasheet HTML 4Page - Texas Instruments TLV320AIC3254 Datasheet HTML 5Page - Texas Instruments TLV320AIC3254 Datasheet HTML 6Page - Texas Instruments TLV320AIC3254 Datasheet HTML 7Page - Texas Instruments TLV320AIC3254 Datasheet HTML 8Page - Texas Instruments TLV320AIC3254 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
TLV320AIC3254
Ultra Low Power Stereo Audio Codec With Embedded miniDSP
SLAS549A – SEPTEMBER 2008 – REVISED OCTOBER 2008
www.ti.com
Table 2-1. TERMINAL FUNCTIONS
TERMINAL
NAME
TYPE
DESCRIPTION
1
MCLK
I
Master Clock Input
2
BCLK
IO
Audio serial data bus (primary) bit clock
3
WCLK
IO
Audio serial data bus (primary) word clock
4
DIN
I
Primary function
Audio serial data bus data input
MFP1
Secondary function
Audio serial data bus (secondary) bit clock input
Audio serial data bus (secondary) word clock input
Digital Microphone Input
Clock Input
General Purpose Input
5
DOUT
O
Primary
Audio serial data bus data output
MFP2
Secondary
General Purpose Output
Clock Output
INT1 Output
INT2 Output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
6
IOVDD
Power
I/O voltage supply 1.1V – 3.6V
7
IOVSS
Ground
I/O ground supply
8
SCLK
I
Primary (SPI_Select = 1)
SPI serial clock
MFP3
Secondary: (SPI_Select = 0)
Headset-detect input
Digital microphone input
Audio serial data bus (secondary) bit clock input
Audio serial data bus (secondary) DAC/common word clock input
Audio serial data bus (secondary) ADC word clock input
Audio serial data bus (secondary) data input
General Purpose Input
9
SCL/
I
I2C interface serial clock (SPI_Select = 0)
SSZ
SPI interface mode chip-select signal (SPI_Select = 1)
10
SDA/ MOSI
I
I2C interface mode serial data input (SPI_Select = 0)
SPI interface mode serial data input (SPI_Select = 1)
11
MISO
O
Primary (SPI_Select = 1)
Serial data output
MFP4
Secondary (SPI_Select = 0)
General purpose output
CLKOUT output
INT1 output
INT2 output
Audio serial data bus (primary) ADC word clock output
Digital microphone clock output
Audio serial data bus (secondary) data output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
12
SPI_ SELECT
I
Control mode select pin ( 1 = SPI, 0 = I2C )
Package and Signal Descriptions
4
Submit Documentation Feedback


Similar Part No. - TLV320AIC3254

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3254 TI-TLV320AIC3254 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
More results

Similar Description - TLV320AIC3254

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI-TLV320AIC3253 Datasheet
647Kb / 33P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_14 Datasheet
1,012Kb / 45P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254-Q1 TI1-TLV320AIC3254-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3253 TI1-TLV320AIC3253_13 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256_15 Datasheet
1Mb / 52P
[Old version datasheet]   TLV320AIC3256 Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_15 Datasheet
1Mb / 53P
[Old version datasheet]   TLV320AIC3254 Ultra Low Power Stereo Audio Codec with Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com