Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2035-600G Datasheet(PDF) 2 Page - STMicroelectronics

Part # T2035-600G
Description  HIGH PERFORMANCE TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2035-600G Datasheet(HTML) 2 Page - STMicroelectronics

  T2035-600G Datasheet HTML 1Page - STMicroelectronics T2035-600G Datasheet HTML 2Page - STMicroelectronics T2035-600G Datasheet HTML 3Page - STMicroelectronics T2035-600G Datasheet HTML 4Page - STMicroelectronics T2035-600G Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PG (AV)=1 W
PGM = 10 W (tp = 20
µs)
IGM =4 A (tp =20
µs)
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambiant (S=1cm
2)45
°C/W
Rth(j-c)
Junction to case for DC
1.5
°C/W
Rth(j-c)
Junction to case for AC 360
°conduction angle (F=50Hz)
1.1
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Quadrant
Sensitivity
Unit
IGT
VD=12V (DC) RL=33
Tj= 25
°C
I-II-III
MIN
2
mA
MAX
35
VGT
VD=12V (DC) RL=33
Tj= 25
°C
I-II-III
MAX
1.3
V
VGD
VD=VDRM RL=3.3k
Tj= 125
°C
I-II-III
MIN
0.2
V
IH *IT= 500mA
Gate open
Tj= 25
°C
MAX
35
mA
IL
IG = 1.2 IGT
Tj = 25
°C
I-II-III
MAX
80
mA
VTM *
ITM= 28A tp= 380
µs
Tj= 25
°C
MAX
1.5
V
IDRM
VD =VDRM
Tj= 25
°C
MAX
5
µA
IRRM
VR =VRRM
Tj= 125
°C
MAX
2
mA
dV/dt *
Linear slope up to VD=67%VDRM
Gate open
Tj= 125
°C
MIN
500
V/
µs
(dI/dt)c *
Without snubber
Tj= 125
°C
MIN
11
A/ms
* For either polarity of electrode A2 voltage with reference to electrode A1.
ELECTRICAL CHARACTERISTICS
ORDERING INFORMATION
T 20
35 - 600
G
TRIAC
CURRENT
PACKAGE :
G= D
2PAK
VOLTAGE
SENSITIVITY
Add ”-TR” suffix for Tape & Reel shipment
®
T2035-600G
2/5


Similar Part No. - T2035-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035-600M STMICROELECTRONICS-T2035-600M Datasheet
637Kb / 9P
   SNUBBERLESS TRIACS
More results

Similar Description - T2035-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
66Kb / 5P
   HIGH PERFORMANCE TRIAC
T835-600G STMICROELECTRONICS-T835-600G Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIAC
T2535-600G STMICROELECTRONICS-T2535-600G Datasheet
64Kb / 5P
   HIGH PERFORMANCE TRIAC
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
103Kb / 5P
   HIGH PERFORMANCE TRIAC
logo
List of Unclassifed Man...
FT1011 ETC-FT1011 Datasheet
144Kb / 4P
   HIGH COMMUTATION TRIAC
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Unisonic Technologies
U12JZ47 UTC-U12JZ47 Datasheet
210Kb / 5P
   HIGH COMMUTATING TRIAC
logo
American Microsemicondu...
JST20B AMMSEMI-JST20B Datasheet
1,001Kb / 4P
   High Voltage TRIAC
logo
Nell Semiconductor Co.,...
41T NELLSEMI-41T Datasheet
247Kb / 5P
   High current triac
60T NELLSEMI-60T Datasheet
302Kb / 4P
   High current triac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com