Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5947DAP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5947DAP
Description  24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5947DAP Datasheet(HTML) 2 Page - Texas Instruments

  TLC5947DAP Datasheet HTML 1Page - Texas Instruments TLC5947DAP Datasheet HTML 2Page - Texas Instruments TLC5947DAP Datasheet HTML 3Page - Texas Instruments TLC5947DAP Datasheet HTML 4Page - Texas Instruments TLC5947DAP Datasheet HTML 5Page - Texas Instruments TLC5947DAP Datasheet HTML 6Page - Texas Instruments TLC5947DAP Datasheet HTML 7Page - Texas Instruments TLC5947DAP Datasheet HTML 8Page - Texas Instruments TLC5947DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
DISSIPATION RATINGS
TLC5947
SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
TRANSPORT MEDIA, QUANTITY
TLC5947DAPR
Tape and Reel, 2000
TLC5947
HTSSOP-32 PowerPAD™
TLC5947DAP
Tube, 46
TLC5947RHBR
Tape and Reel, 3000
TLC5947
5-mm × 5-mm QFN-32
TLC5947RHB
Tape and Reel, 250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TLC5947
UNIT
VCC
Supply voltage: VCC
–0.3 to +6.0
V
IO
Output current (dc)
OUT0 to OUT23
38
mA
VI
Input voltage range
SIN, SCLK, XLAT, BLANK
–0.3 to VCC + 0.3
V
SOUT
–0.3 to VCC + 0.3
V
VO
Output voltage range
OUT0 to OUT23
–0.3 to +33
V
TJ(MAX)
Operating junction temperature
+150
°C
TSTG
Storage temperature range
–55 to +150
°C
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
All voltage values are with respect to network ground terminal.
OPERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
HTSSOP-32 with
42.54 mW/°C
5318 mW
3403 mW
2765 mW
PowerPAD soldered(1)
HTSSOP-32 with
22.56 mW/°C
2820 mW
1805 mW
1466 mW
PowerPAD not soldered(2)
QFN-32(3)
27.86 mW/°C
3482 mW
2228 mW
1811 mW
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2 oz. copper. For more information, see SLMA002 (available
for download at www.ti.com).
(2)
With PowerPAD not soldered onto copper area on PCB.
(3)
The package thermal impedance is calculated in accordance with JESD51-5.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5947


Similar Part No. - TLC5947DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAP TI-TLC5947DAP Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAP TI1-TLC5947DAP Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
More results

Similar Description - TLC5947DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5947DAPG4 TI-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947DAPG4 TI1-TLC5947DAPG4 Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
HPA01054DAPR TI1-HPA01054DAPR Datasheet
1Mb / 29P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with Internal Oscillator
TLC5947 TI1-TLC5947_17 Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com