Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5701PAPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5701PAPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5701PAPR Datasheet(HTML) 2 Page - Texas Instruments

  TAS5701PAPR Datasheet HTML 1Page - Texas Instruments TAS5701PAPR Datasheet HTML 2Page - Texas Instruments TAS5701PAPR Datasheet HTML 3Page - Texas Instruments TAS5701PAPR Datasheet HTML 4Page - Texas Instruments TAS5701PAPR Datasheet HTML 5Page - Texas Instruments TAS5701PAPR Datasheet HTML 6Page - Texas Instruments TAS5701PAPR Datasheet HTML 7Page - Texas Instruments TAS5701PAPR Datasheet HTML 8Page - Texas Instruments TAS5701PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SIMPLIFIED APPLICATION DIAGRAM
SDIN1
SDIN2
LRCLK
SCLK
MCLK_IN
MUTE
RESET
PDN
DVDD
PVDD
BKND_ERR
VALID
SUB_PWM–
SUB_PWM+
OUT_A
OUT_C
OUT_B
OUT_D
BSA
BSC
BSB
BSD
3.3V
0V–21V
0V–21V
Digital
Audio
Source
Control
Inputs
Left
Right
Subwoofer
SIN+
SOUT+
SIN–
SOUT–
FAULT
RESET
TAS5132
B0264-08
12V
GVDD
12V
GAINx(2pins)
FORMATx(3pins)
PLL_FLTM
PLL_FLTP
Loop
Filter
TAS5701
SLOS559 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5701


Similar Part No. - TAS5701PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5701PAPR TI-TAS5701PAPR Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAPR TI1-TAS5701PAPR Datasheet
1Mb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAPRG4 TI-TAS5701PAPRG4 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701PAPRG4 TI1-TAS5701PAPRG4 Datasheet
1Mb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
More results

Similar Description - TAS5701PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5701 TI-TAS5701_15 Datasheet
961Kb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5701 TI1-TAS5701_17 Datasheet
1Mb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2306 EUTECH-EUA2306 Datasheet
93Kb / 1P
   20-W Stereo Digital Audio Power Amplifier
logo
Texas Instruments
TAS5704PAPR TI1-TAS5704PAPR Datasheet
1Mb / 39P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com