Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2673IRGVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673IRGVT
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673IRGVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2673IRGVT Datasheet HTML 6Page - Texas Instruments OPA2673IRGVT Datasheet HTML 7Page - Texas Instruments OPA2673IRGVT Datasheet HTML 8Page - Texas Instruments OPA2673IRGVT Datasheet HTML 9Page - Texas Instruments OPA2673IRGVT Datasheet HTML 10Page - Texas Instruments OPA2673IRGVT Datasheet HTML 11Page - Texas Instruments OPA2673IRGVT Datasheet HTML 12Page - Texas Instruments OPA2673IRGVT Datasheet HTML 13Page - Texas Instruments OPA2673IRGVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TYPICAL CHARACTERISTICS: VS = ±6V Differential, Full Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
10M
100M
1G
Frequency(Hz)
G
=
V/
DIFF
+2 V
G
=+4V/V
DIFF
G
=
V/
DIFF
+8 V
G
=+1V/V
V =500mV
R =100
Differential
CM
O
PP
L
W
G
=
V/
DIFF
+1 V
3
0
3
6
9
12
15
18
-
-
-
-
-
-
0
100
200
300
400
500
600
700
Frequency(MHz)
G
=+4V/V
G
=+1V/V
R =100
Differential
DIFF
O
PP
CM
L
W
V =500mV
50%Bias
75%Bias
FullBias
5
4
3
2
1
0
1
2
3
4
5
-
-
-
-
-
Time(10ns/div)
Small-Signal 0.5V
RightScale
P
±
Large-Signal 4V
LeftScale
P
±
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
3
0
3
6
9
12
15
18
-
-
-
-
-
-
0
100
700
Frequency(MHz)
V =4V
O
PP
V = V
O
PP
8
G
=+4V/V
DIF
G
=+1V/V
R =100
Differential
CM
L
W
V =
V
O
16
PP
600
500
400
300
200
20
10
1
1
10
100
1000
Capacitance(pF)
15
12
9
6
3
0
10M
100M
500M
Frequency(Hz)
C =
L
22pF
C =
L
47pF
C =
L
10pF
C =
L
100pF
R
S
R
S
OPA2673
OPA2673
C
L
1k
(optional)
W
V
IN
V
OUT
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
At TA = +25°C, RF = 511Ω, RL = 100Ω Differential, GDIFF = +4V/V, and GCM = +1V/V, unless otherwise specified.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
OVER POWER SETTING
Figure 23.
Figure 24.
SMALL-SIGNAL AND
LARGE-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL PULSE RESPONSES
Figure 25.
Figure 26.
DIFFERENTIAL RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 27.
Figure 28.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673


Similar Part No. - OPA2673IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673IRGVT TI-OPA2673IRGVT Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IRGVTG4 TI-OPA2673IRGVTG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
More results

Similar Description - OPA2673IRGVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
OPA2675 TI-OPA2675_V01 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com