Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2673 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2673_1 Datasheet HTML 7Page - Texas Instruments OPA2673_1 Datasheet HTML 8Page - Texas Instruments OPA2673_1 Datasheet HTML 9Page - Texas Instruments OPA2673_1 Datasheet HTML 10Page - Texas Instruments OPA2673_1 Datasheet HTML 11Page - Texas Instruments OPA2673_1 Datasheet HTML 12Page - Texas Instruments OPA2673_1 Datasheet HTML 13Page - Texas Instruments OPA2673_1 Datasheet HTML 14Page - Texas Instruments OPA2673_1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
60
70
80
90
100
110
-
-
-
-
-
-
0.1
1
10
100
Frequency(MHz)
2ndHarmonic
3rdHarmonic
G
=+4V/V
G
=+1V/V
R =100
Differential
V =2V
DIFF
CM
L
O
PP
W
60
65
70
75
80
85
90
95
100
105
110
-
-
-
-
-
-
-
-
-
-
-
-
55
2ndHarmonic
3rdHarmonic
0
2
4
6
8
10
OutputVoltage(V )
PP
G
=+4V/V
G
=+1V/V
R =100
Differential
f=10MHz
DIFF
CM
L
W
-
-
-
-
-
-
-
75
80
85
90
95
100
105
10
100
1k
Resistance( )
W
2ndHarmonic
3rdHarmonic
G
=+4V/V
G
=+1V/V
V =2V
f=10MHz
DIFF
PP
CM
O
-
-
-
-
-
-
70
75
80
85
90
95
100
-
2ndHarmonic
3rdHarmonic
1
10
Gain(V/V)
G
=+1V/V
V =2V
f=10MHz
R =100
Differential
CM
PP
O
L
W
-84
86
88
90
92
94
96
-
-
-
-
-
-
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SupplyVoltage( V )
S
±
3rdHarmonic
2ndHarmonic
G
=+4V/V
G
=+1V/V
R =100
Differential
f=10MHz
V =2V
DIFF
L
O
CM
PP
W
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS: VS = ±6V Differential, Full Bias (continued)
At TA = +25°C, RF = 511Ω, RL = 100Ω Differential, GDIFF = +4V/V, and GCM = +1V/V, unless otherwise specified.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 29.
Figure 30.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs NONINVERTING GAIN
Figure 31.
Figure 32.
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 33.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA2673


Similar Part No. - OPA2673_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673IDGQ TI-OPA2673IDGQ Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IDGQR TI-OPA2673IDGQR Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IRGVR TI-OPA2673IRGVR Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IRGVRG4 TI-OPA2673IRGVRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IRGVT TI-OPA2673IRGVT Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
More results

Similar Description - OPA2673_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
OPA2675 TI-OPA2675_V01 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com