Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETH03STRR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8ETH03STRR
Description  Hyperfast Rectifier,8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETH03STRR Datasheet(HTML) 1 Page - Vishay Siliconix

  8ETH03STRR Datasheet HTML 1Page - Vishay Siliconix 8ETH03STRR Datasheet HTML 2Page - Vishay Siliconix 8ETH03STRR Datasheet HTML 3Page - Vishay Siliconix 8ETH03STRR Datasheet HTML 4Page - Vishay Siliconix 8ETH03STRR Datasheet HTML 5Page - Vishay Siliconix 8ETH03STRR Datasheet HTML 6Page - Vishay Siliconix 8ETH03STRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93933
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 08-Sep-08
1
Hyperfast Rectifier,
8 A FRED PtTM
8ETH03S/8ETH03-1
Vishay High Power Products
FEATURES
• Hyperfast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Designed and qualified for industrial level
DESCRIPTION/APPLICATIONS
300 V series are the state of the art hyperfast recovery
rectifiers designed with optimized performance of forward
voltage drop and hyperfast recovery time.
The planar structure and the platinum doped life time control
guarantee the best overall performance, ruggedness and
reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, dc-to-dc converters as well as
freewheeling diodes in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr
35 ns
IF(AV)
8 A
VR
300 V
8ETH03S
Anode
1
3
Base
cathode
2
N/C
D2PAK
TO-262
Anode
1
3
2
N/C
8ETH03-1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Repetitive peak reverse voltage
VRRM
300
V
Average rectified forward current
IF(AV)
TC = 155 °C
8
A
Non-repetitive peak surge current
IFSM
TC = 25 °C
100
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 µA
300
-
-
V
Forward voltage
VF
IF = 8 A
-
1.0
1.25
IF = 8 A, TJ = 125 °C
-
0.83
1.00
Reverse leakage current
IR
VR = VR rated
-
0.02
20
µA
TJ = 125 °C, VR = VR rated
-
6.0
200
Junction capacitance
CT
VR = 300 V
-
31
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 8ETH03STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETH03STRRPBF VISHAY-8ETH03STRRPBF Datasheet
122Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
8ETH03STRRPBF VISHAY-8ETH03STRRPBF Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 8ETH03STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETH06 VISHAY-8ETH06 Datasheet
116Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8S2TH06FP VISHAY-8S2TH06FP Datasheet
127Kb / 5P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
8ETX06S VISHAY-8ETX06S Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
8ETH06PBF VISHAY-8ETH06PBF Datasheet
116Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
8ETH06S VISHAY-8ETH06S Datasheet
126Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
8ETX06 VISHAY-8ETX06 Datasheet
125Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
8STH06FP VISHAY-8STH06FP Datasheet
121Kb / 5P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
8ETH03PBF VISHAY-8ETH03PBF Datasheet
113Kb / 7P
   Hyperfast Rectifier,8 A FRED PtTM
Revision: 08-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com