Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38C32M5AXXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38C32M5AXXXFP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C32M5AXXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38C32M5AXXXFP Datasheet HTML 2Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 3Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 9Page - Renesas Technology Corp M38C32M5AXXXFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 224 page
background image
BEFORE USING THIS USER’S MANUAL
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions,
such as hardware design or software development.
1. Organization
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer and operation of each peripheral function.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on
setting examples of relevant registers.
q CHAPTER 3 APPENDIX
This chapter includes a list of registers, and necessary information for systems development using
the microcomputer, the mask ROM confirmation (for mask ROM version), ROM programming confirmation,
and the mark specifications which are to be submitted when ordering.
2. Structure of Register
The figure of each register structure describes its functions, contents at reset, and attributes as follows:
2: Bit attributes••••••The attributes of control register bits are classified into 3 bytes : read-only, write-only
and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is arranged
Name
Functions
At reset
RW
b
0
1
2
3
4
0
0
0
0
0
!
!
5
6
7
0
b0
b1
b2
b3
b4
b5
b6
b7
Contents immediately after reset release
Bit attributes
(Note 1)
0 0 : Single-chip mode
0 1 :
1 0 :
1 1 :
Processor mode bits
Stack page selection bit
Nothing arranged for these bits. These are write disabled
bits. When these bits are read out, the contents are “0.”
Fix this bit to “0.”
Main clock division ratio selection
bits
Not available
b1 b0
0 : 0 page
1 : 1 page
0 0 :
φ = XIN/2 (High-speed mode)
0 1 :
φ = XIN/8 (Middle-speed mode)
1 0 :
φ = XIN/8 (Middle-speed mode)
1 1 :
φ = XIN (Double-speed mode)
: Bit that is not used for control of the corresponding function
0
Notes 1: Contents immediately after reset release
0••••••“0” at reset release
1••••••“1” at reset release
Undefined••••••Undefined or reset release
••••••Contents determined by option at reset release
T
R••••••Read
••••••Read enabled
!••••••Read disabled
W••••••Write
••••••Write enabled
! ••••••Write disabled
(Note 2)
CPU mode register (CPUM) [Address : 3B 16]
Bits
1
b7 b6
0


Similar Part No. - M38C32M5AXXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38C32M5AXXXFP MITSUBISHI-M38C32M5AXXXFP Datasheet
881Kb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
More results

Similar Description - M38C32M5AXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K2UM RENESAS-38K2UM Datasheet
2Mb / 358P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3804H_M RENESAS-3804H_M Datasheet
2Mb / 387P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com