Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6CWQ10FNTRPDF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 6CWQ10FNTRPDF
Description  Schottky Rectifier, 2 x 3.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWQ10FNTRPDF Datasheet(HTML) 5 Page - Vishay Siliconix

  6CWQ10FNTRPDF Datasheet HTML 1Page - Vishay Siliconix 6CWQ10FNTRPDF Datasheet HTML 2Page - Vishay Siliconix 6CWQ10FNTRPDF Datasheet HTML 3Page - Vishay Siliconix 6CWQ10FNTRPDF Datasheet HTML 4Page - Vishay Siliconix 6CWQ10FNTRPDF Datasheet HTML 5Page - Vishay Siliconix 6CWQ10FNTRPDF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94250
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 13-Aug-08
5
6CWQ10FNPbF
Schottky Rectifier, 2 x 3.5 A Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (7 A)
2
-
Center tap configuration-
3
-
Package identifier:
4
W = D-PAK
4
-
Schottky “Q” series
5
-
Voltage rating (10 = 100 V)
6
-
FN = TO-252AA (D-PAK)
7
-
None = Tube (50 pieces)
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
8
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
67
8
6
C
W
Q
10
FN
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95016
Part marking information
http://www.vishay.com/doc?95059
Packaging information
http://www.vishay.com/doc?95033


Similar Part No. - 6CWQ10FNTRPDF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6CWQ10FNTRPBF IRF-6CWQ10FNTRPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp
More results

Similar Description - 6CWQ10FNTRPDF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ03FNPBF VISHAY-6CWQ03FNPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ10FNPBF VISHAY-6CWQ10FNPBF_12 Datasheet
148Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ03FNPBF VISHAY-6CWQ03FNPBF_12 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 28-Jan-11
6CWQ04FNPBF VISHAY-6CWQ04FNPBF_12 Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ04FNPBF VISHAY-6CWQ04FNPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
VS-6CWQ04FNTRPBF VISHAY-VS-6CWQ04FNTRPBF Datasheet
155Kb / 8P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
VS-6CWQ04FNHM3 VISHAY-VS-6CWQ04FNHM3_V01 Datasheet
144Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
01-Jan-2022
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ06FN VISHAY-6CWQ06FN_12 Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 03-Nov-10
6CWQ06FNPBF VISHAY-6CWQ06FNPBF_11 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com