Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38000S2-DXXXSP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38000S2-DXXXSP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38000S2-DXXXSP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38000S2-DXXXSP Datasheet HTML 2Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 3Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 4Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 5Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 6Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 7Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 8Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 9Page - Renesas Technology Corp M38000S2-DXXXSP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 174 page
background image
LIST OF GROUPS HAVING THE SIMILAR FUNCTIONS
3800 group, one of the CMOS 8-bit microcomputer 38000 series presented in this user’s manual is provided with
standard functions.
The basic functions of the 3800, 3802, 3806 and 3807 groups having the same functions are shown below. For the
detailed functions of each group, refer to the related data book and user’s manual.
List of groups having the same functions
Notes 1: Extended operating temperature version available
2: High-speed version available
3: Extended operating temperature version and High-speed version available
V. ROM expansion
Prescaler : 3
Timer : 4
<8-bit>
Function
Group
Pin
(Package type)
Timer
A-D converter
D-A converter
Clock generating circuit
Serial I/O
Remarks
One Time
PROM
EPROM
RAM
Mask
ROM
Memory
type
V
24K
512
384
32K
8K
16K
32K
16K
(Note 1)
8K
(Note 1)
16K
(Note 1)
32K
(Note 1)
384 384
640
8K
(Note 1)
24K
384
384
640
16K
(Note 1)
32K
(Note 1)
32K
(Note 1)
32K
1024
PWM output
512
16K
16K
16K
3800 group
64 pin
• 64P4B
• 64P6N-A
• 64P6D-A
1 circuit
Prescaler : 3
Timer : 4
<8-bit>
UART or
Clock synchronous ! 1
3802 group
64 pin
• 64P4B
• 64P6N-A
8-bit ! 8-channel
8-bit ! 2-channel
UART or
Clock synchronous ! 1
Clock synchronous ! 1
1 circuit
1 circuit
Prescaler : 3
Timer : 4
<8-bit>
UART or
Clock synchronous ! 1
Clock synchronous ! 1
3806 group
3807 group
80 pin
• 80P6N-A
2 circuit
8-bit ! 13-channel
8-bit ! 4-channel
UART or
Clock synchronous ! 1
Clock synchronous ! 1
Timer : 3
<8-bit>
Timer X/Y : 2
Timer A/B : 2
<16-bit>
80 pin
• 80P6N-A
• 80P6S-A
• 80P6D-A
12K
(Note 1)
16K
(Note 1)
24K
(Note 3)
24K
32K
(Note 3)
48K
(Note 3)
1024
512
384 384
1024
24K
(Note 2)
48K
(Note 3)
8-bit ! 8-channel
8-bit ! 2-channel
As of September 1995
Real time port output
Analog comparator
Watchdog timer
48K
(Note 2)


Similar Part No. - M38000S2-DXXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38000S2-XXXFP MITSUBISHI-M38000S2-XXXFP Datasheet
4Mb / 173P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38000S2-XXXFS MITSUBISHI-M38000S2-XXXFS Datasheet
4Mb / 173P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38000S2-XXXHP MITSUBISHI-M38000S2-XXXHP Datasheet
4Mb / 173P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38000S2-XXXSP MITSUBISHI-M38000S2-XXXSP Datasheet
4Mb / 173P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38000S2-XXXSS MITSUBISHI-M38000S2-XXXSS Datasheet
4Mb / 173P
   8-BIT SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - M38000S2-DXXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K2UM RENESAS-38K2UM Datasheet
2Mb / 358P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3804H_M RENESAS-3804H_M Datasheet
2Mb / 387P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com