Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1230W Datasheet(PDF) 4 Page - STMicroelectronics

Part # T1230W
Description  SNUBBERLESS TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1230W Datasheet(HTML) 4 Page - STMicroelectronics

  T1230W Datasheet HTML 1Page - STMicroelectronics T1230W Datasheet HTML 2Page - STMicroelectronics T1230W Datasheet HTML 3Page - STMicroelectronics T1230W Datasheet HTML 4Page - STMicroelectronics T1230W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - T1230W

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T123000 E-SWITCH-T123000 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T123003 E-SWITCH-T123003 Datasheet
36Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T123004 E-SWITCH-T123004 Datasheet
37Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T123005 E-SWITCH-T123005 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T123006 E-SWITCH-T123006 Datasheet
192Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T1230W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
T620-600W STMICROELECTRONICS-T620-600W Datasheet
72Kb / 5P
   SNUBBERLESS TRIAC
September 2001 - Ed: 1A
T1620W STMICROELECTRONICS-T1620W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1020-600W STMICROELECTRONICS-T1020-600W Datasheet
119Kb / 5P
   SNUBBERLESS TRIAC
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1020W STMICROELECTRONICS-T1020W Datasheet
64Kb / 5P
   SNUBBERLESS TRIAC
November 1996
T820W STMICROELECTRONICS-T820W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
   16A SNUBBERLESS TRIAC
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
   8 A Snubberless Triac
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
   6 A Snubberless??Triac
June 2010 Rev 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com