Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3891 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N3891
Description  Fast Recovery Diodes(Stud Version)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3891 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N3891 Datasheet HTML 1Page - Vishay Siliconix 1N3891 Datasheet HTML 2Page - Vishay Siliconix 1N3891 Datasheet HTML 3Page - Vishay Siliconix 1N3891 Datasheet HTML 4Page - Vishay Siliconix 1N3891 Datasheet HTML 5Page - Vishay Siliconix 1N3891 Datasheet HTML 6Page - Vishay Siliconix 1N3891 Datasheet HTML 7Page - Vishay Siliconix 1N3891 Datasheet HTML 8Page - Vishay Siliconix 1N3891 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93138
2
Revision: 26-Sep-08
1N3879(R), 1N3889(R), 6/12/16FL(R) Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 6/12/16 A
ELECTRICAL SPECIFICATIONS
Note
(1) JEDEC registered values
Note
(1) JEDEC registered values
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK AND
OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE
PEAK VOLTAGE
V
IRRM MAXIMUM
AT TJ = 25 °C
µA
IRRM MAXIMUM
AT TJ = 100 °C
mA
IRRM MAXIMUM
AT TJ = 150 °C
mA
1N3879.
-
50
75
15 (1)
1.0 (1)
3.0 (1)
1N3880.
100
150
1N3881.
200
250
1N3882.
300
350
1N3883.
400
450
1N3889.
-
50
75
25 (1)
3.0 (1)
5.0 (1)
1N3890.
100
150
1N3891.
200
250
1N3892.
300
350
1N3893.
400
450
6FL..
12FL..
16FL..
550
75
50
-
6.0
10
100
150
20
200
275
40
400
500
60
600
725
80
800
950
100
1000
1250
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
1N3879.
1N3883.
6FL..
1N3889.
1N3893.
12FL..
16FL..
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
DC
6 (1)
6
12 (1)
16
A
100
100
100
100
°C
Maximum RMS current
IF(RMS)
9.5
9.5
19
25
A
Maximum peak, one-cycle
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial
TJ = 150 °C
85
130
170
215
t = 8.3 ms
90
135
180
225
t = 10 ms
100 % VRRM
reapplied
72
110
145
180
t = 8.3 ms
75 (1)
115
150 (1)
190
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
36
86
145
230
A2s
t = 8.3 ms
33
78
130
210
t = 10 ms
100 % VRRM
reapplied
26
60
103
160
t = 8.3 ms
23
55
94
150
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
363
856
1452
2290
A2
√s
Maximum forward voltage drop
VFM
TJ = 25 °C; IF = Rated IF(AV) (DC)
1.4 (1)
1.4
1.4 (1)
1.4
V
TC = 100 °C; IFM = π x rated IF(AV)
1.5 (1)
1.5
1.5 (1)
1.5
V


Similar Part No. - 1N3891

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3891 GENESIC-1N3891 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3891 IRF-1N3891 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3891 VISHAY-1N3891 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
120Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - 1N3891

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com