Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37471M8-XXXFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M37471M8-XXXFP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
Download  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37471M8-XXXFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M37471M8-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M37471M8-XXXFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.2 Group expansion
1-3
1.2 Group expansion
The 7470/7471/7477/7478 group develops with the M37470M2-XXXSP as the base chip in the 7470 series.
The classification of the 7470 series is as follows.
7470 series
7470 group
7471 group
7477 group
7478 group
7480 group**
7481 group**
The 7470/7471/7477/7478 group permits group expansion as shown in Figure 1.2.1. This group expansion
is all performed only by differences in memory type and capacity and the number of ports. This allows the
user to select optimum elements according to the user's system.
The 7470/7471/7477/7478 group supports the following in addition to the mask ROM version.
(1) Support of One Time PROM version
The One Time PROM version is a programmable microcomputer and can perform a one-time write
operation to the built-in programmable ROM (PROM).
For the details, refer to “1.19 Built-in PROM version.”
(2) Support of EPROM version (with window)
The built-in EPROM version is a programmable microcomputer with window and can perform write
and erase operations to the built-in EPROM.
For the details, refer to “1.19 Built-in PROM version.”
(3) Support of emulator MCU
The emulator MCU is a microcomputer designed for program development which facilitates program
development and is an optimum element for system evaluation.
For the details, refer to“1.20 Emulator MCU.”
Table 1.2.1 shows the products which the 7470/7471/7477/7478 group supports.
In this manual, when multiple models are described collectively, their names are arranged by putting
“/” among them for separation.
7470 group, 7471 group
→ 7470/7471 group
7477 group, 7478 group
→ 7477/7478 group
7470 group, 7477 group
→ 7470/7477 group
7471 group, 7478 group
→ 7471/7478 group
**:Under development


Similar Part No. - M37471M8-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37471M8-XXXFP MITSUBISHI-M37471M8-XXXFP Datasheet
646Kb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ?
logo
Renesas Technology Corp
M37471M8-XXXFP RENESAS-M37471M8-XXXFP Datasheet
678Kb / 47P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37471M8-XXXFP RENESAS-M37471M8-XXXFP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results

Similar Description - M37471M8-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7480_M RENESAS-7480_M Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7470_N RENESAS-7470_N Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com