Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2748DN-T1-E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2748DN-T1-E4
Description  0.4-Ω, Low Voltage, Dual SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2748DN-T1-E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2748DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2748DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2748DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2748DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2748DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2748DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2748DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2748DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 69977
S-80899-Rev. A, 21-Apr-08
www.vishay.com
3
Vishay Siliconix
DG2747/DG2748/DG2749
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, not subjected to production test.
e. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS V+ = 3 V
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, ± 10 %,VIN = 0.4 V or 1.4 V
e
Temp.a
Limits
- 40 to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
Vanalog
RDS(on)
Full
0
V+
V
On-Resistance
RDS(on)
V+ = 2.7 V, INO/NC = 100 mA, VCOM = 0.5 V
Room
0.4
0.6
Ω
V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.5 V
V+ = 2.7 V, INO/NC = 100 mA, VCOM = 0.5 V
Full
0.7
V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.5 V
RON Match
d
ΔR
ON
V+ = 2.7 V, INO/NC = 100 mA,
VCOM = 0.5 V, 1.5 V
Room
0.03
RON Resistance Flatness
d
RON
flatness
V+ = 2.7 V, INO/NC = 100 mA,
VCOM = 0.5 V, 1.5 V
Room
0.1
0.2
Switch Off Leakage
Current
INO/NC(off)
V+ = 4.3 V, VNO/NC = 1.0 V/3.3 V,
VCOM = 3.3 V/1.0 V
Room
- 2
2
nA
Full
- 10
10
ICOM(off)
Room
- 2
2
Full
- 10
10
Channel-On Leakage
Current
ICOM(on)
V+ = 4.3 V, VNO/NC = VCOM = 3.3 V/1.0 V
Room
Full
- 2
2
- 10
10
Digital Control
Input High Voltage
VINH
Full
1.4
V
Input Low Voltage
VINL
Full
0.4
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Timee
tON
V+ = 2.7 V to 3.6 V, VNO or VNC = 1.5 V,
RL = 50 Ω, CL = 35 pF
Room
14
25
ns
Full
27
Turn-Off Timee
tOFF
Room
12
25
Full
27
Charge Injectiond
Q
CL = 1 nF, RGEN = 0 Ω, VGEN = 0 V
Room
10
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 52
dB
RL = 50 Ω, CL = 5 pF, f = 100 kHz
- 72
Crosstalkd
XTALK
RL = 50 Ω, CL = 5 pF, f = 1 MHz
- 80
RL = 50 Ω, CL = 5 pF, f = 100 kHz
- 100
3 dB bandwidthd
RL = 50 Ω, CL = 5 pF
Room
78
MHz
Source Off Capacitanced
CNX(off)
f = 1 MHz, VNX = 0 V
Room
75
pF
Drain Off Capacitanced
CCOM(off)
f = 1 MHz, VCOM = 0 V
Room
55
Drain On Capacitanced
CCOM(on)
f = 1 MHz, VCOM = VNX = 0 V
Room
100
Total Harmonic Distortiond
THD
V+ = 2.7 V to 3.6 V, VIN = 0.5 Vp-p
F = 20 Hz to 20 kHz
Room
0.03
%
Power Supply
Power Supply Range
V+
1.6
4.3
V
Power Supply Current
I+
VIN = 0 or V+
Full
1.0
µA


Similar Part No. - DG2748DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2748DN-T1-E4 VISHAY-DG2748DN-T1-E4 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
DG2748DN-T1-E4 VISHAY-DG2748DN-T1-E4 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
More results

Similar Description - DG2748DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
   6-Ω, Low Voltage, Dual SPST Analog Switch
Rev. B, 03-Nov-08
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com