Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2753DQ-T1-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2753DQ-T1-E3
Description  Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2753DQ-T1-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2753DQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG2753DQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG2753DQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG2753DQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG2753DQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG2753DQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG2753DQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG2753DQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 73482
S-62653–Rev. B, 01-Jan-07
Vishay Siliconix
DG2753
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
rON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0.0
1.0
2.0
3.0
4.0
0
1234
5
VCOM (volts)
VCC = 2.7 V
VCC = 1.6 V
VCC = 1.8 V
VCC = 4.2 V
VCC = 4.5 V
Is = 100 mA
- 40
- 15
10
35
60
85
110
135
Temperature (°C)
10000
100000
1000000
1000
100
10
V+ = 4.5 V
VIN = 0 V
- 50
- 25
0
25
50
75
100
125
Temp (°C)
V+ = 4.5 V
100000
10000
1000
100
10
I(off)
I(off), I(on)
I(on)
rON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage Current vs. Analog Voltage
125 °C
25 °C
85 °C
0.3
0.6
0.9
1.2
1.5
0.0
0.6
1.2
1.8
2.4
3.0
VCOM - Analog Voltage (V)
V+ = 2.7 V
Is = 100 mA
- 40 °C
10
10K
100K
100
1K
1M
100.0E
1.0E-3
10.0E-6
100.0E-9
10.0E-12
V+ = 4.5 V
1.0E-9
Input Switching Frequency (Hz)
10M
VCOM - Analog Voltage (V)
- 2000
- 1000
0
1000
2000
0
1234
5
ICOM(on)
INC(off), INO(off)
V+ = 4.5 V


Similar Part No. - DG2753DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
DG2750 VISHAY-DG2750 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
DG2750DN1-T1-GE4 VISHAY-DG2750DN1-T1-GE4 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
More results

Similar Description - DG2753DQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535_08 Datasheet
123Kb / 9P
   0.25-Ω Low-Voltage Dual SPDT Analog Switch
Rev. F, 30-Apr-07
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com