Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2748 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2748
Description  0.4-Ω, Low Voltage, Dual SPST Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2748 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2748 Datasheet HTML 1Page - Vishay Siliconix DG2748 Datasheet HTML 2Page - Vishay Siliconix DG2748 Datasheet HTML 3Page - Vishay Siliconix DG2748 Datasheet HTML 4Page - Vishay Siliconix DG2748 Datasheet HTML 5Page - Vishay Siliconix DG2748 Datasheet HTML 6Page - Vishay Siliconix DG2748 Datasheet HTML 7Page - Vishay Siliconix DG2748 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 69977
S-80899-Rev. A, 21-Apr-08
Vishay Siliconix
DG2747/DG2748/DG2749
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
RDS(ON) vs. VD and Supply Voltage
Supply Current vs. Temperature
Leakage vs. Analog Voltage
VCOM (VD) - Analog Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
012
3
45
V+ = 2.7 V
V+ = 3 V
V+ = 3.6 V
V+ = 4.3 V
V+ = 1.6 V
TA = 25 °C
Temperature (°C)
0
0.1
1.0
10
100
- 40
- 20
0
20
40
60
80100
V+ = 4.3 V
VCOM - Analog Voltage (V)
- 2500
- 2000
- 1500
- 1000
- 500
0
500
1000
1500
01
23
4
V+ = 4.3 V
INO(off)
ICOM(off)
ICOM(on)
0.5
1.5
2.5
3.5
4.5
RDS(ON) vs. VD and Temperature
Leakage Current vs. Temperature
Charge Injection vs. Analog Voltage
VCOM (VD) - Analog Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
2.5
3
+ 85 °C
+ 25 °C
- 40 °C
V+ = 2.7 V
Temperature (°C)
1
10
100
1000
10000
- 40
- 20
0
20
40
60
80
100
ICOM(off)
INO(off)
ICOM(on)
V+ = 4.3 V
0
2
4
6
8
10
12
14
16
18
0
0.5
1
1.5
2
2.5
3
3.5
4
Analog Voltage (V)
C L = 1 nF
Drain
V+ = 3.6 V
V+ = 3 V
V+ = 2.7 V


Similar Part No. - DG2748

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2748 VISHAY-DG2748 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
DG2748 VISHAY-DG2748 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2748DN-T1-E4 VISHAY-DG2748DN-T1-E4 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
DG2748DN-T1-E4 VISHAY-DG2748DN-T1-E4 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
More results

Similar Description - DG2748

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
   Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
Rev. B, 30-Apr-07
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
   6-Ω, Low Voltage, Dual SPST Analog Switch
Rev. B, 03-Nov-08
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
   Low-Voltage, 0.4 ??RON, Single SPST Analog Switch
01-Jan-2022
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com