Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37480M8-XXXSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M37480M8-XXXSP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
Download  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37480M8-XXXSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M37480M8-XXXSP Datasheet HTML 1Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M37480M8-XXXSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 337 page
background image
BEFORE USING THIS USER’S MANUAL
1. Manual Contents
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions,
such as hardware design or software development.
q
CHAPTER 1 – HARDWARE
This chapter describes the features of the microcomputers, the operation of their peripherals, and
their electrical characteristics.
q
CHAPTER 2 – APPLICATIONS
This chapter describes usage of peripheral functions and application examples of the microcomputers,
focusing on the settings of the related registers.
q
CHAPTER 3 – APPENDICES
This chapter describes all the control register configurations, and the mask ROM confirmation forms
(mask ROM version), the ROM programming confirmation forms (one time PROM version), and the
mark specification forms to be submitted at the ordering.
2. Register Configurations
An example of control register configurations of the 7480 Group and 7481 Group and the description of
symbols used in them are explained below.
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
Undefined
0
Undefined
Fix these bits to ‘0’
Stack page selection bit
(Note)
0 : Zero page
1 : 1 page
Watchdog timer L count
source selection bit
0 : f(XIN)/8
1 : f(XIN)/16
Clock division
ratio selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (medium-speed mode)
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Note: In the products whose RAM size is 192 bytes or less, set this bit to ‘0’.
0
0
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Undefined
RW
O
O
0
O
Undefined
Undefined
Undefined
×
×
×
O0
OO
OO
0
0
Notes 1: Contents after system is released from reset
0: ‘0’ after system is released from reset
1: ‘1’ after system is released from reset
undefined: undefined after system is released from reset
2: Bit attributes
R (Read)
O: Read enabled
×: Read disabled
Undefined: Undefined at reading
0: ‘0’ at reading
1: ‘1’ at reading
O: Write enabled
×: Write disabled
0: Fixed to ‘0’
: This bit can be set to ‘0’ by software, but cannot be set to ‘1’.
W (Write)
indicates the bit which is not implemented.
Bit
Bit attributes (Note 2)
Contents immediately after system is released from reset (Note 1)
CPU mode register (CPUM) [Address 00FB16]


Similar Part No. - M37480M8-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37480M8-XXXSP RENESAS-M37480M8-XXXSP Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37480M8-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7470_N RENESAS-7470_N Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7470_M RENESAS-7470_M Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com