Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7905 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 7905
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
Download  565 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7905 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 7905 Datasheet HTML 27Page - Renesas Technology Corp 7905 Datasheet HTML 28Page - Renesas Technology Corp 7905 Datasheet HTML 29Page - Renesas Technology Corp 7905 Datasheet HTML 30Page - Renesas Technology Corp 7905 Datasheet HTML 31Page - Renesas Technology Corp 7905 Datasheet HTML 32Page - Renesas Technology Corp 7905 Datasheet HTML 33Page - Renesas Technology Corp 7905 Datasheet HTML 34Page - Renesas Technology Corp 7905 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 565 page
background image
7905 Group User’s Manual Rev.1.0
CENTRAL PROCESSING UNIT (CPU)
2.1 Central processing unit (CPU)
2-8
2.1.9 Processor status register (PS)
PS is an 11-bit register.
Figure 2.1.6 shows the structure of PS. Refer to “7900 Series Software Manual” for detale about the
change of each bit.
Fig. 2.1.6 Structure of PS
(1)
Bit 0: Carry flag (C)
This flag retains a carry or a borrow generated in the arithmetic and logic unit (ALU) during an
arithmetic operation. This flag is also affected by shift and rotate instructions.
Be sure to use the SEC or SEP instruction to set this flag to “1”; and be sure to use the CLC or CLP
instruction to clear it to “0”.
The contents of this flag is undefined at reset.
(2)
Bit 1: Zero flag (Z)
This flag is set to “1” when the result of an arithmetic operation or data transfer is “0,” and cleared
to “0” when otherwise. This flag is invalid in the decimal arithmetic operation.
Be sure to use the SEP instruction to set this flag to “1”; and be sure to use the CLP instruction to
clear it to “0.”
The contents of this flag is undefined at reset.
(3)
Bit 2: Interrupt disable flag (I)
This flag disables all maskable interrupts except the following: the address matching detection,
watchdog timer, and 0 division interrupts. Interrupts are disabled when this flag is “1.” When an
interrupt request has been accepted, this flag is automatically set to “1,” and multiple interrupts
become disabled. Be sure to use the SEI or SEP instruction to set this flag to “1”; and be sure to
use the CLI or CLP instruction to clear this flag to “0.”
This flag is set to “1” at reset.
(4)
Bit 3: Decimal mode flag (D)
This flag determines whether addition and subtraction are performed in binary or decimal. Binary
arithmetic operation is performed when this flag is “0.” When it is “1,” decimal arithmetic operation
is performed with each 8 bits treated as 2-digit decimal (at m = 1) or each 16 bits treated as 4-digit
decimal (at m = 0). Decimal adjust is automatically performed. Decimal operation is possible only
with the ADC, ADCB, SBC and SBCB instructions. Be sure to use the SEP instruction to set this
flag to “1”; and be sure to use the CLP instruction to clear it to “0.”
This flag is cleared to “0” at reset.
(5)
Bit 4: Index register length flag (x)
This flag determines whether each of index register X and index register Y is used as a 16-bit
register or an 8-bit register. That register is used as a 16-bit register when this flag is “0,” and as
an 8-bit register when it is “1” (Note). Be sure to use the SEP instruction to set this flag to “1”; and
be sure to use the CLP instruction to clear it to “0.”
This flag is cleared to “0” at reset.
b15
b8
b7
b0
b1
b2
b3
b4
b5
b6
b14
b9
b10
b11
b12
b13
0N
C
Z
I
D
x
m
V
0IPL
0
0
0
Note: Be sure to fix bits 15 through 11 to “0.”
Processor status register
(PS)


Similar Part No. - 7905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7905 ETC1-7905 Datasheet
253Kb / 2P
   LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Foshan Blue Rocket Elec...
7905 FOSHAN-7905 Datasheet
928Kb / 6P
   Voltage Regulator in a TO-220 Plastic Package
logo
Inchange Semiconductor ...
7905 ISC-7905 Datasheet
245Kb / 2P
   isc Three Terminal Negative Voltage Regulator
7905 ISC-7905 Datasheet
245Kb / 2P
   isc Three Terminal Negative Voltage Regulator
logo
Silicon Supplies
7905 SS-7905 Datasheet
422Kb / 5P
   Linear Voltage Regulator
More results

Similar Description - 7905

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8-3039 RENESAS-H8-3039 Datasheet
3Mb / 708P
   16-Bit Single-Chip Microcomputer
7721 RENESAS-7721 Datasheet
6Mb / 577P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H83069R-ZTAT RENESAS-H83069R-ZTAT Datasheet
4Mb / 1003P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8-3052B RENESAS-H8-3052B Datasheet
5Mb / 845P
   16-Bit Single-Chip Microcomputer
H8S-2355 RENESAS-H8S-2355 Datasheet
4Mb / 880P
   16-Bit Single-Chip Microcomputer
7906 RENESAS-7906 Datasheet
2Mb / 531P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2168 RENESAS-H8S-2168 Datasheet
5Mb / 874P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
7751 RENESAS-7751 Datasheet
5Mb / 540P
   16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com