Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30622FAA-XXXGP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M30622FAA-XXXGP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
Download  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30622FAA-XXXGP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M30622FAA-XXXGP Datasheet HTML 2Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 3Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M30622FAA-XXXGP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 615 page
background image
The figure of each register configuration describes its functions and attributes as follows :
*2
R:
Read
O.....Possible to read
X.....Impossible to read
–.....Nothing is assigned
W:
Write
O.....Possible to write
X.....Written value is invalid
When write, value can be "0" or "1"
–.....Nothing is assigned
XXX register
Symbol
Address
When reset
XXX
XXX
0016
Bit name
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
XXX select bit
1 0 : XXX
0 1 : XXX
1 0 : Must not be set
1 1 : XXX
b1 b0
XXX1
XXX0
XXX4
Reserved bit
XXX5
XXX7
XXX6
Function
Nothing is assigned.
In an attempt to write to this bit, write "0". The value, if read, turns out to be indeterminate.
XXX flag
Function varies with each operation mode
Must always be set to "0"
0
*1
*2
*3
*1
Blank:Set to "0" or "1" according to intended use
0:
Set to "0"
1:
Set to "1"
X:
Nothing is assigned
*3
Terms to use here are explained as follows.
• Nothing is assigned
Nothing is assigned to the bit concerned. When write, set "0" for new function in
future plan.
• Must not be set
Not select. The operation at having selected is not guaranteed.
• Reserved bit
Reserved bit. Set the specified value.
• Function varies with each operation mode
Bit function changes according to the mode of peripheral functions.
• Invalid in A mode
The bit concerned has no function in A mode. Set the specified value.
• Valid when bit A="0"
When bit A is "1", the bit concerned has no function. When bit A is "0", the bit
concerned has function.


Similar Part No. - M30622FAA-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622FA-XXXFP RENESAS-M30622FA-XXXFP Datasheet
8Mb / 621P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30622FA-XXXFS RENESAS-M30622FA-XXXFS Datasheet
8Mb / 621P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
M30622FA-XXXGP RENESAS-M30622FA-XXXGP Datasheet
8Mb / 621P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
More results

Similar Description - M30622FAA-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C6NK RENESAS-M16C6NK Datasheet
2Mb / 404P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6N5 RENESAS-M16C6N5 Datasheet
2Mb / 400P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6N4 RENESAS-M16C6N4 Datasheet
2Mb / 406P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C6NL RENESAS-M16C6NL Datasheet
2Mb / 388P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C62P RENESAS-M16C62P_06 Datasheet
4Mb / 421P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
M16C28 RENESAS-M16C28 Datasheet
2Mb / 423P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M30245 RENESAS-M30245_06 Datasheet
3Mb / 367P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
M16C26A RENESAS-M16C26A Datasheet
2Mb / 352P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/Tiny SERIES
M16C30P RENESAS-M16C30P_07 Datasheet
3Mb / 317P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/30 SERIES
M16C80 RENESAS-M16C80 Datasheet
3Mb / 358P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com