Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F2L3ACBNFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
Download  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 2Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 3Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 4Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 5Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 6Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 7Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 8Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 9Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 848 page
background image
3.
Register Notation
The symbols and terms used in register diagrams are described below.
x.x.x
XXX Register (Symbol)
*1
R/W: Read and write.
R: Read only.
W: Write only.
−: Nothing is assigned.
*2
• Reserved bit
Reserved bit. Set to specified value.
*3
• Nothing is assigned.
Nothing is assigned to the bit. As the bit may be used for future functions, if necessary, set to 0.
• Do not set to a value.
Operation is not guaranteed when a value is set.
• Function varies according to the operating mode.
The function of the bit varies with the peripheral function mode. Refer to the register diagram for information
on the individual modes.
Address XXXXh
Bit
b7b6
b5b4b3b2
b1
b0
Symbol
XXX7
XXX6
XXX5
XXX4
XXX1
XXX0
After Reset
0
000
0000
Bit
Symbol
Bit Name
Function
R/W
b0
XXX0
XXX bit
b1 b0
0 0: XXX
0 1: XXX
1 0: Do not set.
1 1: XXX
R/W
b1
XXX1
R/W
b2
Nothing is assigned. If necessary, set to 0. When read, the content is undefined.
b3
Reserved bit
Set to 0.
R/W
b4
XXX4
XXX bit
Function varies according to the operating mode.
R/W
b5
XXX5
W
b6
XXX6
R/W
b7
XXX7
XXX bit
0: XXX
1: XXX
R
*1
*2
*3


Similar Part No. - R5F2L3ACBNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L3ACCDFA RENESAS-R5F2L3ACCDFA Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L3ACCDFA RENESAS-R5F2L3ACCDFA Datasheet
896Kb / 75P
   RENESAS MCU
R5F2L3ACCDFP RENESAS-R5F2L3ACCDFP Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L3ACCDFP RENESAS-R5F2L3ACCDFP Datasheet
896Kb / 75P
   RENESAS MCU
R5F2L3ACCNFA RENESAS-R5F2L3ACCNFA Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
More results

Similar Description - R5F2L3ACBNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C2E RENESAS-R8C2E Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2K RENESAS-R8C2K Datasheet
4Mb / 471P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C20 RENESAS-R8C20 Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2C RENESAS-R8C2C Datasheet
6Mb / 615P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2G RENESAS-R8C2G Datasheet
3Mb / 344P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
R8C27 RENESAS-R8C27 Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com