Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21321ANSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F21321ANSP
Description  MCU M16C FAMILY / R8C/Tiny SERIES
Download  603 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21321ANSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F21321ANSP Datasheet HTML 1Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 2Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 3Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 4Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 5Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 6Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 7Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 8Page - Renesas Technology Corp R5F21321ANSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 603 page
background image
2.
Notation of Numbers and Symbols
The notation conventions for register names, bit names, numbers, and symbols used in this manual are described
below.
(1) Register Names, Bit Names, and Pin Names
Registers, bits, and pins are referred to in the text by symbols. The symbol is accompanied by the word “register,”
“bit,” or “pin” to distinguish the three categories.
Examples
the PM03 bit in the PM0 register
P3_5 pin, VCC pin
(2) Notation of Numbers
The indication “b” is appended to numeric values given in binary format. However, nothing is appended to the
values of single bits. The indication “h” is appended to numeric values given in hexadecimal format. Nothing is
appended to numeric values given in decimal format.
Examples
Binary: 11b
Hexadecimal: EFA0h
Decimal: 1234


Similar Part No. - R5F21321ANSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21321ANSP RENESAS-R5F21321ANSP Datasheet
454Kb / 56P
   RENESAS MCU
More results

Similar Description - R5F21321ANSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C33A RENESAS-R8C33A Datasheet
6Mb / 617P
   MCU M16C FAMILY / R8C/Tiny SERIES
R8C35A RENESAS-R8C35A Datasheet
8Mb / 766P
   MCU M16C FAMILY / R8C/Tiny SERIES
M16C29 RENESAS-M16C29 Datasheet
3Mb / 499P
   RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
R8C12 RENESAS-R8C12 Datasheet
1Mb / 198P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
R8C13 RENESAS-R8C13 Datasheet
2Mb / 224P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
R8C-13 RENESAS-R8C-13_1 Datasheet
2Mb / 224P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
R8C14 RENESAS-R8C14 Datasheet
3Mb / 277P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
R8C16 RENESAS-R8C16 Datasheet
3Mb / 279P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C/Tiny SERIES
R5F21114DFP RENESAS-R5F21114DFP Datasheet
1Mb / 227P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
R8C-12 RENESAS-R8C-12_1 Datasheet
1Mb / 198P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com