Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7052F-ZTAT Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7052F-ZTAT
Description  SuperHTM RISC engine
Download  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052F-ZTAT Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7052F-ZTAT Datasheet HTML 3Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 4Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 5Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 6Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 7Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 8Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 9Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 10Page - Renesas Technology Corp SH7052F-ZTAT Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 919 page
background image
Main Revisions and Additions in this Edition
Page
Item
Revisions (See Manual for Details)
8
1.3.1 Pin Arrangement
Name of 155 th pin amended (PK11/TO8L)
61
5.1.1 Types of Exception
Processing and Priority
Table 5.1 Types of Exception Processing and Priority
Order
Compare match timer (CMT1), A/D converter channel 1
(A/D1) added
Module abbreviations amended: CMT0, A/D0
160
9.3.5 Dual Address Mode
Figure 9.5 Dual Address Mode and Indirect Address
Operation (16-Bit-Width External Memory Space)
Description of 1st and 2nd bus cycles amended
If the data bus is 16 bits wide when the external
memory space is accessed, two bus cycles are
necessary.
217
10.2.3 Timer Control Registers
(TCR)
Timer Control Register 9A, 9B, 9C (TCR9A, TCR9B,
TCR9C) Description of Bits 1 and 0 amended
x=A, C, or E
306
10.2.15 Free-Running Counters
(TCNT)
Description of Free-Running Counter 0 added
When the bits corresponding to the timer start register 1
(TSTR1) are set to 1, this counter starts to count.
307
Description of Free-Running Counters 1A, 1B, 2A, 2B,
3, 4, 5, 11 added
When the bits corresponding to the timer start register
1, 3 (TSTR1, TSTR3) are set to 1, these counters start
to count.
335
10.3.1 Overview
Description of Channel 2 amended
337
Description of Channel 10 amended
348
10.3.9 PWM Timer Function
Description amended
..., and H'0002, H'0003, H'0004 (100%), and H'0000
(0%) in BFR6A.
375
10.6 Sample Setup Procedures Sample Setup Procedure for Channel 0 Input Capture
Triggered by Channel 10 Compare-Match
Register name amended
399
Writing to ROM Area
Immediately after ATU Register
Write
Description added


Similar Part No. - SH7052F-ZTAT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7050 RENESAS-SH7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7050F-ZTAT RENESAS-SH7050F-ZTAT Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7051F-ZTAT RENESAS-SH7051F-ZTAT Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
SH7055 RENESAS-SH7055 Datasheet
4Mb / 923P
   Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
SH7055S RENESAS-SH7055S Datasheet
4Mb / 1002P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
More results

Similar Description - SH7052F-ZTAT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7760 RENESAS-SH7760 Datasheet
6Mb / 1345P
   SuperHTM RISC engine
SH7058 RENESAS-SH7058 Datasheet
5Mb / 1130P
   Renesas SuperHTM RISC engine
SH7211 RENESAS-SH7211 Datasheet
6Mb / 1228P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
SH7144 RENESAS-SH7144_08 Datasheet
4Mb / 930P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144 Series
SH7670 RENESAS-SH7670 Datasheet
6Mb / 1292P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
SH7206 RENESAS-SH7206 Datasheet
7Mb / 1188P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7619 RENESAS-SH7619 Datasheet
4Mb / 836P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com