Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STY140NS10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STY140NS10
Description  N-CHANNEL 100V - 0.009 ohm - 140A MAX247??MESH OVERLAY??POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY140NS10 Datasheet(HTML) 6 Page - STMicroelectronics

  STY140NS10 Datasheet HTML 1Page - STMicroelectronics STY140NS10 Datasheet HTML 2Page - STMicroelectronics STY140NS10 Datasheet HTML 3Page - STMicroelectronics STY140NS10 Datasheet HTML 4Page - STMicroelectronics STY140NS10 Datasheet HTML 5Page - STMicroelectronics STY140NS10 Datasheet HTML 6Page - STMicroelectronics STY140NS10 Datasheet HTML 7Page - STMicroelectronics STY140NS10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STY140NS10
6/8
Fig. 2: Gate Charge test Circuit
Fig. 3: Test Circuit For Diode Recovery Behaviour
Fig. 1: Switching Times Test Circuits For Resistive
Load


Similar Part No. - STY140NS10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY145N65M5 STMICROELECTRONICS-STY145N65M5 Datasheet
788Kb / 13P
   N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
More results

Similar Description - STY140NS10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
   N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY??Power MOSFET
STY100NS20FD STMICROELECTRONICS-STY100NS20FD_06 Datasheet
232Kb / 12P
   N-channel 200V - 0.022廓 - 100A - Max247 MESH OVERLAY??Power MOSFET
STH15NB50FI STMICROELECTRONICS-STH15NB50FI Datasheet
110Kb / 3P
   N-CHANNEL ENHANCEMENT MODE MESH OVERLAY POWER MOSFET
logo
Guangdong Kexin Industr...
KTS1C1S250 KEXIN-KTS1C1S250 Datasheet
60Kb / 3P
   Mesh Overlay Power MOSFET
logo
STMicroelectronics
STE110NS20FD STMICROELECTRONICS-STE110NS20FD Datasheet
277Kb / 8P
   N-CHANNEL 200V - 0.022W - 110A ISOTOP MESH OVERLAY??Power MOSFET
January 2002
IRF630S STMICROELECTRONICS-IRF630S Datasheet
85Kb / 8P
   N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY??MOSFET
STE110NS20FD STMICROELECTRONICS-STE110NS20FD_06 Datasheet
242Kb / 12P
   N-channel 200V - 0.022廓 - 110A - ISOTOP MESH OVERLAY??Power MOSFET
STB40NS15 STMICROELECTRONICS-STB40NS15 Datasheet
289Kb / 7P
   N-CHANNEL 150V - 0.042ohm - 40A D2PAK MESH OVERLAY??MOSFET
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
   N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com