Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6433641 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD6433641
Description  8-Bit Single-Chip Microcomputer
Download  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433641 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD6433641 Datasheet HTML 3Page - Renesas Technology Corp HD6433641 Datasheet HTML 4Page - Renesas Technology Corp HD6433641 Datasheet HTML 5Page - Renesas Technology Corp HD6433641 Datasheet HTML 6Page - Renesas Technology Corp HD6433641 Datasheet HTML 7Page - Renesas Technology Corp HD6433641 Datasheet HTML 8Page - Renesas Technology Corp HD6433641 Datasheet HTML 9Page - Renesas Technology Corp HD6433641 Datasheet HTML 10Page - Renesas Technology Corp HD6433641 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 549 page
background image
Rev. 6.00 Sep 12, 2006 page vii of xx
Main Revisions in This Edition
Item
Page
Revision (See Manual for Details)
All
• Notification of change in company name amended
(Before) Hitachi, Ltd.
→ (After) Renesas Technology Corp.
• Product naming convention amended
(Before) H8/3644 Series
→ (After) H8/3644 Group
(Before) H8/3644R Series
→ (After) H8/3644R Group
3.3.2 Interrupt Control
Registers
Interrupt Edge Select
Register 2 (IEGR2)
64
Description amended
IEGR2 is an 8-bit read/write register, used to designate whether pins
INT
7 to
INT
0, and TMIB are
set to rising edge sensing or falling edge sensing. Upon reset, IEGR2 is initialized to H'00.
Bit 7
INT
7 Edge Select (INTEG7): Bit 7 selects the input sensing of the
INT
7 pin.
Bit 7: INTEG7
Description
0
Falling edge of
INT7 pin input is detected
(initial value)
1
Rising edge of
INT7 pin input is detected
6.2.2
Memory Map
Table 6.2 Socket
Adapter
Figure 6.2 Socket
Adapter Pin
Correspondence
(ZTAT)
102, 103 Description of socket adapter deleted
6.8.2
Memory Map
Table 6.14 Socket
Adapter Product
Codes
Figure 6.19 Socket
Adapter Pin
Correspondence
(F-ZTAT)
149, 151 Description of socket adapter deleted
6.9 Flash Memory
Programming and
Erasing Precautions
Table 6.18 Flash
Memory AC
Characteristics
165
Table amended
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Flash memory read setup time*
4
tFRS
50

µs
VCC
≥ 4.5 V
100

VCC < 4.5 V
8.4.2 Register
Configuration and
Description
Port Mode Register 7
(PMR7)
182
Bit table amended
Bit
7
654
321
0
TXD
POF1
Initial value
1
1
1
1
1
0
0
0
Read/Write

R/W
R/W


Similar Part No. - HD6433641

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433641 HITACHI-HD6433641 Datasheet
1Mb / 508P
   H8/3644 Series Hardware Manual
logo
Renesas Technology Corp
HD6433641 RENESAS-HD6433641 Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
HD6433641 RENESAS-HD6433641 Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
logo
Hitachi Semiconductor
HD6433641H HITACHI-HD6433641H Datasheet
1Mb / 508P
   H8/3644 Series Hardware Manual
HD6433641P HITACHI-HD6433641P Datasheet
1Mb / 508P
   H8/3644 Series Hardware Manual
More results

Similar Description - HD6433641

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com