Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F3052BF Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F3052BF
Description  16-Bit Single-Chip Microcomputer
Download  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3052BF Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F3052BF Datasheet HTML 5Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 6Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 7Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 8Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 9Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 10Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 11Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 12Page - Renesas Technology Corp HD64F3052BF Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page ix of xxviii
Item
Page
Revisions (See Manual for Details)
9.1 Overview
Table 9.1 Port Functions
247
Figure amended
Port
Description
Pins
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode 6
Mode 7
PA7/TP7/
TIOCB2/A20
Output (TP7) from
programmable
timing pattern
controller (TPC),
input or output
(TIOCB2) for 16-bit
integrated timer unit
(ITU), and generic
input/output
Address output
(A20)
TPC
output
(TP7),
ITU input
or output
(TIOCB2),
and
generic
input/
output
Address
output
(A20)
TPC
output
(TP7),
ITU input
or output
(TIOCB2),
and
generic
input/
output
Port A
8-bit I/O port
Schmitt
inputs output
PA6/TP6/
TIOCA2/A21/CS4
PA5/TP5/
TIOCB1/A22/CS5
PA4/TP4/
TIOCA1/A23/CS6
TPC output (TP6 to
TP4), ITU input and
output (TIOCA2,
TIOCB1, TIOCA1),
CS4 to CS6 output,
and generic input/
output
TPC output (TP6 to
TP4), ITU input and
output (TIOCA2,
TIOCB1, TIOCA1),
address output (A23
to A21), CS4 to CS6
output, and generic
input/output
TPC
output
(TP6 to
TP4), ITU
input and
output
(TIOCA2,
TIOCB1,
TIOCA1),
CS4 to
CS6
output,
and
generic
input/
output
TPC
output
(TP6 to
TP4), ITU
input and
output
(TIOCA2,
TIOCB1,
TIOCA1),
address
output
(A23 to
A21), CS4
to CS6
output,
and
generic
input/out
put
TPC
output
(TP6 to
TP4), ITU
input and
output
(TIOCA2,
TIOCB1,
TIOCA1),
and
generic
input/
output
9.11.3 Pin Functions
Table 9.19 Port A Pin
Functions
287
Table amended
PA5
input
PA5
out-
put
TP5
out-
put
PA5
input
PA5
out-
put
TP5
out-
put
PA5
input
PA5
out-
put
Pin
function
TIOCB1
output
TIOCB1 input*
CS5
out-
put
TIOCB1
output
TIOCB1 input*
A22
out-
put
CS5
out-
put
TIOCB1
output
TIOCB1 in
13.3.3 Multiprocessor
Communication
Figure 13.13 Example of
SCI Receive Operation
(8-Bit Data with
Multiprocessor Bit and
One Stop Bit)
479
Figure amended
Stop
bit
1
Start
bit
0
D0
Data (da
RXI interrupt handler
reads RDR data and
clears RDRF flag to 0
a. Own ID does not match data
13.3.4 Synchronous
Operation
Figure 13.16 Sample
Flowchart for Serial
Transmitting
482
Figure amended
1. SCI initialization: the transmit data output function
of the TxD pin is selected automatically.


Similar Part No. - HD64F3052BF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3052BF RENESAS-HD64F3052BF Datasheet
5Mb / 847P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results

Similar Description - HD64F3052BF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8-3039 RENESAS-H8-3039 Datasheet
3Mb / 708P
   16-Bit Single-Chip Microcomputer
7721 RENESAS-7721 Datasheet
6Mb / 577P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H83069R-ZTAT RENESAS-H83069R-ZTAT Datasheet
4Mb / 1003P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2355 RENESAS-H8S-2355 Datasheet
4Mb / 880P
   16-Bit Single-Chip Microcomputer
7905 RENESAS-7905 Datasheet
3Mb / 565P
   16-BIT SINGLE-CHIP MICROCOMPUTER
7906 RENESAS-7906 Datasheet
2Mb / 531P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2168 RENESAS-H8S-2168 Datasheet
5Mb / 874P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
7751 RENESAS-7751 Datasheet
5Mb / 540P
   16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com