Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F3052BTE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD64F3052BTE
Description  16-Bit Single-Chip Microcomputer
Download  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F3052BTE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD64F3052BTE Datasheet HTML 1Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 2Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 3Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 4Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 5Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 6Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 7Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 8Page - Renesas Technology Corp HD64F3052BTE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page v of xxviii
Preface
The H8/3052BF is a group of high-performance microcontrollers that integrate system supporting
functions together with an H8/300H CPU core.
The H8/300H CPU has a 32-bit internal architecture with sixteen 16-bit general registers, and a
concise, optimized instruction set designed for speed. It can address a 16-Mbyte linear address
space.
The on-chip supporting functions include ROM, RAM, a 16-bit integrated timer unit (ITU), a
programmable timing pattern controller (TPC), a watchdog timer (WDT), a serial communication
interface (SCI), an A/D converter, a D/A converter, I/O ports, a direct memory access controller
(DMAC), a refresh controller, and other facilities. Of the two SCI channels, one has been
expanded to support the ISO/IEC7816-3 smart card interface. Functions have also been added to
reduce power consumption in battery-powered applications: individual modules can be placed in
standby, and the frequency of the system clock supplied to the chip can be divided down under
software control.
The address space is divided into eight areas. The data bus width and access cycle length can be
selected independently in each area, simplifying the connection of different types of memory.
Seven operating modes (modes 1 to 7) are provided, offering a choice of data bus width and
address space size.
With these features, the H8/3052BF can be used to implement compact, high-performance
systems easily.
The H8/3052BF has an F-ZTAT
* version with on-chip flash memory that can be programmed
on-board. These versions enable users to respond quickly and flexibly to changing application
specifications.
This manual describes the H8/3052BF hardware. For details of the instruction set, refer to the
H8/300H Series Software Manual.
Note: * F-ZTAT (Flexible–Zero Turn Around Time) is a trademark of Renesas Technology Corp.


Similar Part No. - HD64F3052BTE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F3052BTE RENESAS-HD64F3052BTE Datasheet
5Mb / 847P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results

Similar Description - HD64F3052BTE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8-3039 RENESAS-H8-3039 Datasheet
3Mb / 708P
   16-Bit Single-Chip Microcomputer
7721 RENESAS-7721 Datasheet
6Mb / 577P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H83069R-ZTAT RENESAS-H83069R-ZTAT Datasheet
4Mb / 1003P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2355 RENESAS-H8S-2355 Datasheet
4Mb / 880P
   16-Bit Single-Chip Microcomputer
7905 RENESAS-7905 Datasheet
3Mb / 565P
   16-BIT SINGLE-CHIP MICROCOMPUTER
7906 RENESAS-7906 Datasheet
2Mb / 531P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2168 RENESAS-H8S-2168 Datasheet
5Mb / 874P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
7751 RENESAS-7751 Datasheet
5Mb / 540P
   16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com