Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8-3052B Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8-3052B
Description  16-Bit Single-Chip Microcomputer
Download  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8-3052B Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8-3052B Datasheet HTML 7Page - Renesas Technology Corp H8-3052B Datasheet HTML 8Page - Renesas Technology Corp H8-3052B Datasheet HTML 9Page - Renesas Technology Corp H8-3052B Datasheet HTML 10Page - Renesas Technology Corp H8-3052B Datasheet HTML 11Page - Renesas Technology Corp H8-3052B Datasheet HTML 12Page - Renesas Technology Corp H8-3052B Datasheet HTML 13Page - Renesas Technology Corp H8-3052B Datasheet HTML 14Page - Renesas Technology Corp H8-3052B Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page xi of xxviii
Item
Page
Revisions (See Manual for Details)
20.4.3 Selection of
Waiting Time for Exit from
Software Standby Mode
Table 20.3 Clock
Frequency and Waiting
Time for Clock to Settle
625
Table amended
DIV1 DIV0 STS2 STS1 STS0
Waiting
Time
18 MHz 16 MHz 12 MHz 10 MHz 8 MHz 6 MHz 4 MHz
010008192
states
0.91
1.02
1.4
1.6
2.0
2.7
4.1
Section 21 Electrical
Characteristics
631 to 658 “Preliminary” deleted
21.1 Absolute Maximum
Ratings
Table 21.1 Absolute
Maximum Ratings
631
Table and note amended
Item
Symbol
Value
Unit
Power supply voltage
VCC
–0.3 to +7.0
V
Programming voltage
(FWE)
HD64F3052B
Vin
–0.3 to VCC + 0.3
V
Analog power supply voltage
AVCC
–0.3 to +7.0
V
Notes: Connect an external capacitor to the VCL pin. Connect an external capacitor between this
pin and ground.
21.2.1 DC
Characteristics
Table 21.2 (2) DC
Characteristics
Deleted
Table 21.3 Permissible
Output Currents
634
Conditions amended
Conditions: VCC = 5.0 V ±10%, AVCC = 5.0 V ±10%, VREF =
4.5 V to AVCC, VSS = AVSS = 0 V, Ta = –20°C to
+75°C
21.2.2 AC Characteristics
Table 21.4 Bus Timing
636, 637
Condition A, Condition B, and note deleted
Table 21.5 Refresh
Controller Bus Timing
637
Condition A, Condition B, and note deleted
Condition A and Condition B deleted
Table and notes amended
Item
Interrupt pulse width
(NMI,
IRQ2 to IRQ0 when exiting
software standby mode)
Table 21.6 Control Signal
Timing
638


Similar Part No. - H8-3052B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8-300 ETC2-H8-300 Datasheet
646Kb / 53P
   In-Circuit Emulator for Renesas H8/300 and H8/500
logo
Renesas Technology Corp
H8-3002 RENESAS-H8-3002 Datasheet
1Mb / 700P
   Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3007 RENESAS-H8-3007 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results

Similar Description - H8-3052B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8-3039 RENESAS-H8-3039 Datasheet
3Mb / 708P
   16-Bit Single-Chip Microcomputer
7721 RENESAS-7721 Datasheet
6Mb / 577P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H83069R-ZTAT RENESAS-H83069R-ZTAT Datasheet
4Mb / 1003P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2355 RENESAS-H8S-2355 Datasheet
4Mb / 880P
   16-Bit Single-Chip Microcomputer
7905 RENESAS-7905 Datasheet
3Mb / 565P
   16-BIT SINGLE-CHIP MICROCOMPUTER
7906 RENESAS-7906 Datasheet
2Mb / 531P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2168 RENESAS-H8S-2168 Datasheet
5Mb / 874P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
7751 RENESAS-7751 Datasheet
5Mb / 540P
   16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com